Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 106Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 107Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 108Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 109Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 110Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 111Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 112Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 113Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 226 page
background image
Rev. 1.00
110 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Low byte of Interrupt Priority Register 1: IP1
SFR Address: E4h
Bit
7
6
5
4
3
2
1
0
Name
—
—
PT�
PC�P
PX6
PX�
PX4
PX�
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
PT3: Timer 3 Interrupt priority low
Low order bit for Timer 3 interrupt priority level.
Bit 4
PCMP: Comparator Interrupt priority low
Low order bit for Comparator interrupt priority level.
Bit 3
PX6: External interrupt 6 Interrupt priority low
Low order bit for External interrupt 6 interrupt priority level.
Bit 2
PX5: External interrupt 5 priority low
Low order bit for External Interupt 5 interrupt priority level.
Bit 1
PX4: External interrupt 4 Interrupt priority low
Low order bit for External interrupt 4 interrupt priority level.
Bit 0
PX3: External interrupt 3 priority low
Low order bit for External Interupt 3 interrupt priority level.
High byte of Interrupt Priority Register 1: IP1H
SFR Address: E5h
Bit
7
6
5
4
3
2
1
0
Name
—
—
PT�H
PC�PH
PX6H
PX�H
PX4H
PX�H
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
PT3H: Timer 3 Interrupt priority high
High order bit for Timer 3 interrupt priority level.
Bit 4
PCMPH: Comparator Interrupt priority high
High order bit for Comparator interrupt priority level.
Bit 3
PX6H: External interrupt 6 Interrupt priority high
High order bit for External interrupt 6 interrupt priority level.
Bit 2
PX5H: External interrupt 5 priority high
High order bit for External Interupt 5 interrupt priority level.
Bit 1
PX4H: External interrupt 4 Interrupt priority high
High order bit for External interrupt 4 interrupt priority level.
Bit 0
PX3H: External interrupt 3 priority high
High order bit for External Interupt 3 interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com