Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 26Page - Texas Instruments ADS8328IBPW Datasheet HTML 27Page - Texas Instruments ADS8328IBPW Datasheet HTML 28Page - Texas Instruments ADS8328IBPW Datasheet HTML 29Page - Texas Instruments ADS8328IBPW Datasheet HTML 30Page - Texas Instruments ADS8328IBPW Datasheet HTML 31Page - Texas Instruments ADS8328IBPW Datasheet HTML 32Page - Texas Instruments ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
Internal Register
The internal register consists of two parts, 4 bits for the command register (CMR) and 12 bits for configuration
data register (CFR).
Table 4. Command Set Defined by Command Register (CMR)(1)
WAKE UP FROM
MINIMUM SCLKs
D[15:12]
HEX
COMMAND
D[11:0]
R/W
AUTO NAP
REQUIRED
0000b
0h
Select analog input channel 0(2)
Don't care
Y
4
W
0001b
1h
Select analog input channel 1(2)
Don't care
Y
4
W
0010b
2h
Reserved
Reserved
–
–
–
0011b
3h
Reserved
Reserved
–
–
–
0100b
4h
Reserved
Reserved
–
–
–
0101b
5h
Reserved
Reserved
–
–
–
0110b
6h
Reserved
Reserved
–
–
–
0111b
7h
Reserved
Reserved
–
–
–
1000b
8h
Reserved
Reserved
–
–
–
1001b
9h
Reserved
Reserved
–
–
–
1010b
Ah
Reserved
Reserved
–
–
–
1011b
Bh
Wake up
Don't care
Y
4
W
1100b
Ch
Read CFR
Don't care
–
16
R
1101b
Dh
Read data
Don't care
–
16
R
1110
Eh
Write CFR
CFR Value
–
16
W
1111b
Fh
Default mode (load CFR with default value)
Don't care
Y
4
W
(1)
When SDO is not in 3-state (FS/CS low and SCLK running), the bits from SDO are always part (depending on how many SCLKs are
supplied) of the previous conversion result.
(2)
These two commands apply to the ADS8328 only.
WRITING TO THE CONVERTER
There are two different types of writes to the register, a 4-bit write to the CMR and a full 16-bit write to the CMR
plus CFR. The command set is listed in Table 4. A simple command requires only 4 SCLKs and the write takes
effect at the 4th falling edge of SCLK. A 16-bit write or read takes at least 16 SCLKs (see Table 7 for exceptions
that require more than 16 SCLKs).
Configuring the Converter and Default Mode
The converter can be configuring with command 1110b (write to the CFR) or command 1111b (default mode). A
write to the CFR requires a 4-bit command followed by 12-bits of data. A 4-bit command takes effect at the fourth
falling edge of SCLK. A CFR write takes effect at the 16th falling edge of SCLK.
A default mode command can be achieved by simply tying SDI to +VBD. As soon as the chip is selected at least
four 1s are clocked in by SCLK. The default value of the CFR is loaded into the CFR at the 4th falling edge of
SCLK.
CFR default values are all 1s (except for CFR_D1, this bit is ignored by the ADS8327 and is always read as a 0).
The same default values apply for the CFR after a power-on reset (POR) and SW reset.
30
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com