Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 15Page - Texas Instruments ADS8328IBPW Datasheet HTML 16Page - Texas Instruments ADS8328IBPW Datasheet HTML 17Page - Texas Instruments ADS8328IBPW Datasheet HTML 18Page - Texas Instruments ADS8328IBPW Datasheet HTML 19Page - Texas Instruments ADS8328IBPW Datasheet HTML 20Page - Texas Instruments ADS8328IBPW Datasheet HTML 21Page - Texas Instruments ADS8328IBPW Datasheet HTML 22Page - Texas Instruments ADS8328IBPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
NAP Mode
0
0.1
0.2
0.3
0.4
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
+VA =5V
+VA =2.7
-3
-2
0
0.5
2
3
0
10000
20000
30000
40000
50000
60000
70000
Code
2.5
1.5
1
-0.5
-1
-1.5
-2.5
f =500kSPS,
+VA =5V,
V
=4.096V
i
ref
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
10000
20000
30000
40000
50000
60000
70000
f =500kSPS,
+VA =5V,
V
=4.096V
i
ref
Code
-2.5
-2
-0.5
0
1
2
3
0
10000
20000
30000
40000
50000
60000
70000
Code
1.5
2.5
0.5
-1
-1.5
3
f =500kSPS,
+VA =2.7V,
V
=2.5V
i
ref
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
10000
20000
30000
40000
50000
60000
70000
Code
f =500kSPS,
+VA =2.7V,
V
=2.5V
i
ref
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
ANALOG SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
Figure 40.
INL
DNL
Figure 41.
Figure 42.
INL
DNL
Figure 43.
Figure 44.
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com