Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 31Page - Texas Instruments ADS8328IBPW Datasheet HTML 32Page - Texas Instruments ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments ADS8328IBPW Datasheet HTML 37Page - Texas Instruments ADS8328IBPW Datasheet HTML 38Page - Texas Instruments ADS8328IBPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Note:olddatashown.
CONFIGURE
READResult
READResult
Nth
Nthfrom#1
Nthfrom#1
Nthfrom#1
N − 1thfrom#2
Nthfrom#3
N − 1thfrom#2
1110............
1101b
1101b
1..................16
1 ..................16
1..................16
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Cascaded ManualTrigger/ReadWhileSampling
(UseinternalCCLK,EOCactivelowand
activelow)
heldlowduringtheNtimes16bitstransfercycle.
INT
CS
CONVST #1,
CONVST #3
CONVST #2=1
EOC#1
(activelow)
INT #1
(active low)
SCLK#1,
SCLK#2,
SCLK#3
SDO#1,
CDI#2
SDO#2,
CDI#3
SDO#3
SDI#1,
SDI#2,
SDI#3
CS/FS#1
CS/FS#2,
CS/FS#3
t
CONV =18CCLKs
t
SAMPLE1 =3CCLKsmin
t
d(CSR-EOS) =20nsmin
t
d(CSR-EOS) =20nsmin
t
d(SDO-CDI)
t
d(SDO-CDI)
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
Figure 62. Simplified Cascade Timing (Separate CONVST)
The number of SCLKs required for a serial read cycle depends on the combination of different read modes, TAG
bit, chain mode, and the way a channel is selected, i.e., auto channel select. This is listed in Table 7.
Table 7. Required SCLKs For Different Read Out Mode Combinations
CHAIN MODE
AUTO CHANNEL
NUMBER OF SCLK PER SPI
TAG ENABLED CFR.D1
TRAILING BITS
ENABLED CFR.D5
SELECT CFR.D11
READ
0
0
0
16
None
0
0
1
≥17
MSB is TAG bit plus zero(s)
0
1
0
16
None
0
1
1
≥17
TAG bit plus 7 zeros
1
0
0
16
None
1
0
1
24
TAG bit plus 7 zeros
1
1
0
16
None
1
1
1
24
TAG bit plus 7 zeros
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com