Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 7Page - Texas Instruments ADS8328IBPW Datasheet HTML 8Page - Texas Instruments ADS8328IBPW Datasheet HTML 9Page - Texas Instruments ADS8328IBPW Datasheet HTML 10Page - Texas Instruments ADS8328IBPW Datasheet HTML 11Page - Texas Instruments ADS8328IBPW Datasheet HTML 12Page - Texas Instruments ADS8328IBPW Datasheet HTML 13Page - Texas Instruments ADS8328IBPW Datasheet HTML 14Page - Texas Instruments ADS8328IBPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
ADS8327 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
TSSOP
QFN
AGND
5
15
–
Analog ground
BDGND
14
8
–
Interface ground
CONVST
9
3
I
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed
EOC/ INT/ CDI
10
4
O
duration after the end of conversion and valid data are to be output. The polarity of EOC
or INT is programmable. This pin can also be used as a chain data input when the device
is operated in chain mode.
I
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface
FS/CS
11
5
slave select (SS
–).
+IN
3
13
I
Noninverting input
–IN
4
14
I
Inverting input, usually connected to ground
NC
8
2
No connection
REF+
7
1
I
External reference input.
REF
–
6
16
I
Connect to AGND through individual via.
RESERVED
2
12
–
Reserved, connect to AGND or +VA
SCLK
15
9
I
Clock for serial interface
SDI
12
6
I
Serial data in
SDO
13
7
O
Serial data out
+VA
1
11
Analog supply, +2.7 V to +5.5 VDC.
+VBD
16
10
Interface supply
ADS8328 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
TSSOP
QFN
AGND
5
15
–
Analog ground
BDGND
14
8
–
Interface ground
COM
4
14
I
Common inverting input, usually connected to ground
CONVST
9
3
I
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed
EOC/ INT/
10
4
O
duration after the end of conversion and valid data are to be output. The polarity of EOC
CDI
or INT is programmable. This pin can also be used as a chain data input when the device
is operated in chain mode.
FS/CS
11
5
I
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface
+IN1
2
12
I
Second noninverting input.
+IN0
3
13
I
First noninverting input
NC
8
2
–
No connection.
REF+
7
1
I
External reference input.
REF
–
6
16
I
Connect to AGND through individual via.
SCLK
15
9
I
Clock for serial interface
SDI
12
6
I
Serial data in (conversion start and reset possible)
SDO
13
7
O
Serial data out
+VA
1
11
Analog supply, +2.7 V to +5.5 VDC.
+VBD
16
10
Interface supply
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com