Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 32Page - Texas Instruments ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments ADS8328IBPW Datasheet HTML 37Page - Texas Instruments ADS8328IBPW Datasheet HTML 38Page - Texas Instruments ADS8328IBPW Datasheet HTML 39Page - Texas Instruments ADS8328IBPW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Logic
Delay
< = 8 .3 ns
ADS 8327
# 3
Q
D
CLK
Logic
Delay
< = 8 .3 ns
ADS 8327
# 2
Q
D
CLK
Logic
Delay
< = 8 .3 ns
ADS 8327
# 1
Q
D
CLK
SCLKinput
SDO
SDO
SDO
CDI
CDI
CDI
Serialdata
input
Serialdata
output
Logic
Delay
PlusPAD
2.7ns
Logic
Delay
PlusPAD
2.7ns
Logic
Delay
PlusPAD
8.3ns
Logic
Delay
PlusPAD
8.3ns
Logic
Delay
PlusPAD
2.7ns
Logic
Delay
PlusPAD
8.3ns
Intermediate
Latch
SAR Shift
Register
Output
Register
Conversion Clock
SW RESET
POR
SET
Latched by Falling Edge of CS
Latched by End Of
Conversion
EOC
SDO
SCLK
CS
EOC
CDI
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
SCLK skew between converters and data path delay through the converters configured in chain mode can affect
the maximum frequency of SCLK. The delay can also be affected by supply voltage and loading. It may be
necessary to slow down the SCLK when the devices are configured in chain mode.
Figure 63. Typical Delay Through Converters Configured in Chain Mode
RESET
The converter has two reset mechanisms, a power-on reset (POR) and a software reset using CFR_D0. These
two mechanisms are NOR-ed internally. When a reset (software or POR) is issued, all register data are set to the
default values (all 1s) and the SDO output (during the cycle immediately after reset) is set to all 1s. The state
machine is reset to the power-on state.
Figure 64. Digital Output Under Reset Condition
36
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com