Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 28Page - Texas Instruments ADS8328IBPW Datasheet HTML 29Page - Texas Instruments ADS8328IBPW Datasheet HTML 30Page - Texas Instruments ADS8328IBPW Datasheet HTML 31Page - Texas Instruments ADS8328IBPW Datasheet HTML 32Page - Texas Instruments ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
ADS8327
#1
SDI
SDO
ADS8327
#2
SDI
SDO
ADS8327
#3
SDI
SDO
MicroController
SDI
SDO
GPIO1
GPIO2
GPIO3
ProgramDevice#1CFR_D5=1
INT
CS
CONVST
CS
CONVST
CS
CONVST
EOC/INT
CDI
CDI
ProgramDevices#2and#3CFR_D5=0
SCLK
SCLK
SCLK
SCLK
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
NOTE
Whenever SDO is not in 3-state (when FS/CS is low and SCLK is running), a portion of
the conversion result is output at the SDO pin. The number of bits depends on how many
SCLKs are supplied. For example, a manual select channel command cycle requires 4
SCLKs, therefore 4 MSBs of the conversion result are output at SDO. The exception is
SDO outputs all 1s during the cycle immediately after any reset (POR or software reset).
If SCLK is used as the conversion clock (CCLK) and a continuous SCLK is used, it is not possible to clock out all
16 SDO bits during the sampling time (6 SCLKs) because of the quiet zone requirement. In this case it is better
to read the conversion result during the conversion time (36 SCLKs or 48 SCLKs in auto nap mode).
Table 6. Ideal Input Voltages and Output Codes
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
Full scale range
VREF
STRAIGHT BINARY
Least significant bit (LSB)
VREF/65536
BINARY CODE
HEX CODE
Full scale
+VREF – 1 LSB
1111 1111 1111 1111
FFFF
Midscale
VREF/2
1000 0000 0000 0000
8000
Midscale
– 1 LSB
VREF/2– 1 LSB
0111 1111 1111 1111
7FFF
Zero
0 V
0000 0000 0000 0000
0000
TAG Mode
The ADS8328 includes a feature, TAG, that can be used as a tag to indicate which channel sourced the
converted result. An address bit is added after the LSB read out from SDO indicating which channel the result
came from if TAG mode is enabled. This address bit is 0 for channel 0 and 1 for channel 1. The converter
requires more than the 16 SCLKs that are required for a 4 bit command plus 12 bit CFR or 16 data bits because
of the additional TAG bit.
Chain Mode
The ADS8327/28 can operate as a single converter or in a system with multiple converters. System designers
can take advantage of the simple high-speed SPI compatible serial interface by cascading them in a single chain
when multiple converters are used. A bit in the CFR is used to reconfigure the EOC/INT status pin as a
secondary serial data input, chain data input (CDI), for the conversion result from an upstream converter. This is
chain mode operation. A typical connection of three converters is shown in Figure 59.
Figure 59. Multiple Converters Connected Using Chain Mode
32
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com