Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 29Page - Texas Instruments ADS8328IBPW Datasheet HTML 30Page - Texas Instruments ADS8328IBPW Datasheet HTML 31Page - Texas Instruments ADS8328IBPW Datasheet HTML 32Page - Texas Instruments ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments ADS8328IBPW Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
CONVST #1,
CONVST
CONVST
#2,
#3
EOC#1
(activelow)
INT #3
(active low)
CS/FS#2,
/FS#3
CS
SCLK#1,
SCLK#2,
SCLK#3
SDO#1,
CDI#2
SDO#2,
CDI#3
SDO#3
SDI#1,
SDI#2,
SDI#3
CONFIGURE
READResult
READResult
Nth
Nthfrom#1
Nthfrom#1
Nthfrom#1
Nthfrom#2
Nthfrom#3
Nthfrom#2
Nthfrom#1
1110............
1101b
1101b
1 ..................16
Cascaded ManualTrigger/ReadWhileSampling
(Use internalCCLK,EOCactivelow,and
activelow)held
INT
CS
low duringtheNtimes16bitstransfercycle.
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1 ..................16
1..................16
Hi-Z
Hi-Z
CS/FS#1
t
CONV =18CCLKs
t
d(SDO-CDI)
t
SAMPLE1 =3CCLKsmin
t
d(CSR-EOS) =20nsmin
t
d(CSR-EOS) =20nsmin
t
d(SDO-CDI)
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
When multiple converters are used in chain mode, the first converter is configured in regular mode while the rest
of the converters downstream are configured in chain mode. When a converter is configured in chain mode, the
CDI input data goes straight to the output register, therefore the serial input data passes through the converter
with a 16 SCLK (if the TAG feature is disabled) or a 24 SCLK delay, as long as CS is active. See Figure 60 for
detailed timing. In this timing the conversion in each converters are done simultaneously.
Figure 60. Simplified Cascade Mode Timing with Shared CONVST and Continuous CS
Care must be given to handle the multiple CS signals when the converters are operating in chain mode. The
different chip select signals must be low for the entire data transfer (in this example 48 bits for three converters).
The first 16-bit word after the falling chip select is always the data from the chip that received the chip select
signal.
Case 1: If chip select is not toggled (CS stays low), the next 16 bits are data from the upstream converter, and so
on. This is shown in Figure 60. If there is no upstream converter in the chain, as converter #1 in the example, the
same data from the converter is going to be shown repeatedly.
Case 2: If the chip select is toggled during a chain mode data transfer cycle, as illustrated in Figure 61, the same
data from the converter is read out again and again in all three discrete 16-bit cycles. This is not a desired result.
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com