Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 19Page - Texas Instruments ADS8328IBPW Datasheet HTML 20Page - Texas Instruments ADS8328IBPW Datasheet HTML 21Page - Texas Instruments ADS8328IBPW Datasheet HTML 22Page - Texas Instruments ADS8328IBPW Datasheet HTML 23Page - Texas Instruments ADS8328IBPW Datasheet HTML 24Page - Texas Instruments ADS8328IBPW Datasheet HTML 25Page - Texas Instruments ADS8328IBPW Datasheet HTML 26Page - Texas Instruments ADS8328IBPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
ADS8327
+IN
-
IN
THS4031
20 W
20 W
600 W
1VDC
600 W
InputSignal
( 2Vto2V)
-
5V
+VA
470pF
OSC
Divider
1/2
= 1
= 0
Conversion Clock
(CCLK)
CFR_D10
SPI Serial
Clock (SCLK)
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
Figure 53. Bipolar Input Drive Configuration
REFERENCE
The ADS8327/28 can operate with an external reference with a range from 0.3 V to 4.2 V. A clean, low noise,
well-decoupled reference voltage on this pin is required to ensure good performance of the converter. A low
noise band-gap reference like the REF3240 can be used to drive this pin. A 10-mF ceramic decoupling capacitor
is required between the REF+ and REF
– pins of the converter. These capacitors should be placed as close as
possible to the pins of the device. REF
– should be connected to its own via to the analog ground plane with the
shortest possible distance.
CONVERTER OPERATION
The ADS8327/28 has an oscillator that is used as an internal clock which controls the conversion rate. The
frequency of this clock is 10.5 MHz minimum. The oscillator is always on unless the device is in the deep
power-down state or the device is programmed for using SCLK as the conversion clock (CCLK). The minimum
acquisition (sampling) time takes 3 CCLKs (this is equivalent to 238 ns at 12.6 MHz) and the conversion time
takes 18 conversion clocks (CCLK) (~1500 ns) to complete one conversion.
The conversion can also be programmed to run based on the external serial clock, SCLK, if is so desired. This
allows a system designer to achieve system synchronization. The serial clock SCLK, is first reduced to 1/2 of its
frequency before it is used as the conversion clock (CCLK). For example, with a 21-MHz SCLK this provides a
10.5-MHz clock for conversions. If it is desired to start a conversion at a specific rising edge of the SCLK when
the external SCLK is programmed as the source of the conversion clock (CCLK) (and manual start of conversion
is selected), the setup time between CONVST and that rising SCLK edge should be observed. This ensures the
conversion is complete in 18 CCLKs (or 36 SCLKs). The minimum setup time is 20 ns to ensure synchronization
between CONVST and SCLK. In many cases the conversion can start one SCLK period (or CCLK) later which
results in a 19 CCLK (or 37 SCLK) conversion. The 20 ns setup time is not required once synchronization is
relaxed.
The duty cycle of SCLK is not critical as long as it meets the minimum high and low time requirements of 8 ns.
Since the ADS8327/28 is designed for high-speed applications, a higher serial clock (SCLK) must be supplied to
be able to sustain the high throughput with the serial interface and so the clock period of SCLK must be at most
1 ms (when used as conversion clock (CCLK). The minimum clock frequency is also governed by the parasitic
leakage of the capacitive digital-to-analog (CDAC) capacitors internal to the ADS8327/28.
Figure 54. Converter Clock
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com