Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments ADS8328IBPW Datasheet HTML 37Page - Texas Instruments ADS8328IBPW Datasheet HTML 38Page - Texas Instruments ADS8328IBPW Datasheet HTML 39Page - Texas Instruments ADS8328IBPW Datasheet HTML 40Page - Texas Instruments ADS8328IBPW Datasheet HTML 41Page - Texas Instruments ADS8328IBPW Datasheet HTML 42Page - Texas Instruments ADS8328IBPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (June 2009) to Revision E
Page
•
Updated Figure 60 .............................................................................................................................................................. 33
•
Updated Figure 61 .............................................................................................................................................................. 34
Changes from Revision C (March 2008) to Revision D
Page
•
Added +REF to AGND and
–REF to AGND specifications to Absolute Maximum Ratings table ........................................ 3
•
Revised conditions of 2.7 V to 3.6 V Specifications table to +VA = 2.7 V to 3.6 V and +VDB = 1.65 V to 1.5
× (+VA) ...... 4
•
Revised conditions of 2.7 V to 3.6 V Specifications table to +VA = 2.7 V to 3.6 V and +VDB = 1.65 V to 1.5
× (+VA) ...... 5
•
Changed test condition of Supply current, Nap mode row to NAP/Auto-NAP mode in 2.7 V to 3.6 V Specifications
table ...................................................................................................................................................................................... 5
•
Changed test condition of Supply current, PD Mode row to Deep power-down mode in Specifications table .................... 5
•
Revised conditions of 4.5 V to 5.5 V Specifications table to read +VA = 4.5 V to 5.5 V and +VDB = 1.65 V to 5.5 V ........ 6
•
Revised conditions of 4.5 V to 5.5 V Specifications table to read +VA = 4.5 V to 5.5 V and +VDB = 1.65 V to 5.5 V ........ 7
•
Changed test condition of Supply current, Nap mode row to NAP/Auto-NAP mode in 4.5 V to 5.5 V Specifications
table ...................................................................................................................................................................................... 7
•
Changed test condition of Supply current, PD Mode row to Deep power-down mode in 4.5 V to 5.5 V Specifications
table ...................................................................................................................................................................................... 7
•
Corrected typo in Figure 1 .................................................................................................................................................. 12
•
Updated SDO trace in Figure 2 .......................................................................................................................................... 12
•
Changed N
– 1th to N + 1st in CONVST trace of Figure 3 ................................................................................................ 13
•
Corrected EOC and SDO traces in Figure 4 ...................................................................................................................... 13
•
Added last sentence to Driver Amplifier Choice section ..................................................................................................... 22
•
Updated Figure 52 .............................................................................................................................................................. 22
•
Updated Figure 53 .............................................................................................................................................................. 23
•
Changed fifth sentence of the Deep Power-Down Mode section ....................................................................................... 26
•
Changed second sentence of Nap Mode section ............................................................................................................... 26
•
Changed fifth sentence of Auto Nap Mode section ............................................................................................................ 26
•
Changed ms to ns in Activation Time column of Table 3 .................................................................................................... 26
•
Added Figure 65 and corresponding paragraph to the RESET section ............................................................................. 37
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com