Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 33Page - Texas Instruments ADS8328IBPW Datasheet HTML 34Page - Texas Instruments ADS8328IBPW Datasheet HTML 35Page - Texas Instruments ADS8328IBPW Datasheet HTML 36Page - Texas Instruments ADS8328IBPW Datasheet HTML 37Page - Texas Instruments ADS8328IBPW Datasheet HTML 38Page - Texas Instruments ADS8328IBPW Datasheet HTML 39Page - Texas Instruments ADS8328IBPW Datasheet HTML 40Page - Texas Instruments ADS8328IBPW Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
UndefinedZone
0.400
0.125
AVDD(V)
t(s)
5.500
5.000
4.000
3.000
2.700
2.000
1.000
0
1.500
SpecifiedSupply
VoltageRange
POR
TriggerLevel
0.350
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
When the device is powered up, the POR sets the device in default mode when AVDD reaches 1.5 V. When the
device is powered down, the POR circuit requires AVDD to remain below 125 mV for a duration of at least 350
ms to ensure proper discharging of internal capacitors and to correct the behavior of the device when powered
up again. If AVDD drops below 400 mV but remains above 125 mV, the internal POR capacitor does not
discharge fully and the device requires a software reset to perform correctly after the recovery of AVDD (this is
shown as the undefined zone in Figure 65).
Figure 65. Relevant Voltage Levels for POR
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com