Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8328IBPW Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 14Page - Texas Instruments ADS8328IBPW Datasheet HTML 15Page - Texas Instruments ADS8328IBPW Datasheet HTML 16Page - Texas Instruments ADS8328IBPW Datasheet HTML 17Page - Texas Instruments ADS8328IBPW Datasheet HTML 18Page - Texas Instruments ADS8328IBPW Datasheet HTML 19Page - Texas Instruments ADS8328IBPW Datasheet HTML 20Page - Texas Instruments ADS8328IBPW Datasheet HTML 21Page - Texas Instruments ADS8328IBPW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
11.0
11.2
11.4
11.6
11.8
12
2.7
3.2
3.7
4.2
4.7
5.2
5.7
+VA -SupplyVoltage-V
14.3
14.5
14.7
-40 -25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
+VA =5V,100kHzInput
+VA =2.7V,10kHzInput
14.9
11
11.2
11.4
11.6
11.8
12
-40
-25
-10
5
20
35
50
65
T
-Free-AirTemperature-°C
A
80
+VA =2.7V
+VA =5V
500kSPS
3.6
4.1
4.6
5.1
5.6
2.7
3.2
3.7
4.2
4.7
5.2
+VA -SupplyVoltage-V
PDMode
0
2
4
6
8
10
12
2.7
3.2
3.7
4.2
4.7
5.2
+VA -SupplyVoltage-V
200
220
240
260
280
300
320
2.7
3.2
3.7
4.2
4.7
5.2
+VA -SupplyVoltage-V
NAP Mode
AutonapMode
0
1
2
3
4
5
6
0
100
200
300
400
500
600
SampleRate-kSPS
+VA =2.7V
+VA =5V
PDMode
0
100
200
300
400
0
5
10
15
20
25
SampleRate-kSPS
+VA =5V
+VA =2.7V
500kSPSSampleRate
3
3.5
4
4.5
5
5.5
-40 -25 -10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
+VA =2.7V
+VA =5V
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFECTIVE NUMBER OF BITS
INTERNAL CLOCK FREQUENCY
INTERNAL CLOCK FREQUENCY
vs
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 31.
Figure 32.
Figure 33.
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 34.
Figure 35.
Figure 36.
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
vs
vs
vs
SAMPLE RATE
SAMPLE RATE
FREE-AIR TEMPERATURE
Figure 37.
Figure 38.
Figure 39.
18
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com