| Electronic Components Datasheet Search |
|
3RN1 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
3RN1 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 114 page ![]() SIMOCODE 3UF Motor Management and Control Devices 7/13 Siemens LV 1 T · 2006 SIMOCODE pro 3UF7 motor management and control devices Diagnostic data • Numerous detailed early warning and fault messages (can also be used for further processing in the device or I&C system) • Internal device fault logging with time stamp • Value of the previous tripping current • Checkback error (e.g. no current flow in the main circuit following ON control command) etc. Autonomous operation An essential feature of SIMOCODE pro is independent execution of all protection and control functions even if communication with the I&C system breaks down. If the bus or automation system fails, the full functionality of the feeder is ensured or a pre-defined response can be initiated, e.g. the feeder can be shut down in a controlled manner or certain configured control mechanisms can be performed (e.g. the direction of rotation can be reversed). ■Integration General In addition to device function and hardware design, a great deal of emphasis is placed on the case of communication-capable controlgear on the user-friendliness of the configuration software and the ability of the system to be integrated easily into various different system configurations and process automation sys- tems. For this reason, the SIMOCODE pro system provides suit- able software tools for consistent, time-saving parameterization, configuration and diagnostics: • SIMOCODE ES for totally integrated startup and service • OM SIMOCODE pro object manager for total integration into SIMATIC S7 • PCS 7 function block library SIMOCODE pro for total integration into PCS 7 SIMOCODE ES The parameterization software for SIMOCODE pro can be run on a PC/PG under Windows 2000 or Windows XP. It is available in two functionally graded versions: • SIMOCODE ES Smart, for direct connection to SIMOCODE pro via the system interface on the device (point-to-point) • SIMOCODE ES Professional, for connection to one or several devices over PROFIBUS DP or point-to-point through the system interface With SIMOCODE ES, the SIMOCODE motor management sys- tem provides a user-friendly and clear-cut user interface with which to configure, operate, monitor and test SIMOCODE pro in the field or from a central location. By displaying all operating, service and diagnostics data, SIMOCODE ES supplies impor- tant information on whether maintenance work is required or, in the event of a fault, helps to prevent faults or to localize and rec- tify them once they have occurred. Unnecessary plant downtimes can be prevented by changing parameters online (even during operation). The flexible printing function integrated into SIMOCODE ES allows comprehensive documentation of all parameters or partial documentation of selected or changed parameters. • SIMOCODE ES Graphic is an optional software package for SIMOCODE ES Smart or SIMOCODE ES Professional. It expands the user interface with a graphical editor and supports extremely user-friendly parameterization with Drag & Drop. Inputs and outputs of function blocks can be graphically linked and parameters can be set. The configured functions can be described in greater detail using comments and the device parameterization can be documented graphically – this speeds up start-up and simplifies the plant documentation. Note: Installation of SIMOCODE ES Graphic requires at least one installed version of SIMOCODE ES Smart 2004+SP1 or SIMOCODE ES Professional+SP1 (from April 2005) on the PC/PG. OM SIMOCODE pro object manager (as part of SIMOCODE ES Professional) The OM SIMOCODE pro object manager is a standard component of SIMOCODE ES Professional. In contrast to a conventional GSD file, it enables SIMOCODE ES to be integrated into STEP 7 for convenient device parameterization. By installing SIMOCODE ES Professional and OM SIMOCODE pro on a PC/PG, which is used to configure the hardware of the SIMATIC S7, SIMOCODE ES Professional can be called directly from the hardware configuration. This allows easy and consistent S7 configuration. PCS 7 function block library for SIMOCODE pro The SIMOCODE pro PCS 7 library can be used for simple and easy integration of SIMOCODE pro into the SIMATIC PCS 7 V6 process control system. The SIMOCODE pro PCS 7 function block library contains the diagnostic and driver blocks corresponding with the diagnostic and driver concept of SIMATIC PCS 7 as well as the elements (symbols and faceplate) required for operator control and process monitoring. The application is integrated by graphic interconnection using the CFC Editor. The technological and signal processing functions of the SIMOCODE pro PCS 7 function block library are based on the SIMATIC PCS 7 standard libraries (driver blocks, technological blocks) and are optimally tailored to SIMOCODE pro. Users who previously configured motor feeder circuits using conventional technology by means of signal blocks and motor or valve blocks, can now easily switch to the SIMOCODE pro PCS 7 function block library. The SIMOCODE pro PCS 7 function block library supplied on CD-ROM allows the user to run the required engineering software on the engineering station (single license) including the runtime software for executing the AS blocks in an automation system (single license). If the AS blocks are to be used in additional automation systems, the corresponding number of runtime licenses are required which are supplied without a data carrier. System manual for SIMOCODE pro The SIMOCODE pro system manual describes the motor management system and its functions in detail. It contains information about configuration and commissioning as well as servicing and maintenance. A typical example of a reversing starter application is used to teach the user quickly and practically how to use the system. In addition to help on how to identify and rectify faults in the event of a malfunction, the manual also contains special information for servicing and maintenance. Furthermore, the manual contains schematics, dimensional drawings and technical specifications of the system components as configuring aids. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |