Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/29
Siemens LV 1 T · 2006
SIMOCODE-DP 3UF5
motor protection and control devices
■Technical specifications
Shared data of basic units/expansion units/
expansion modules/operator panels
Permissible ambient temperature
°C
-25 ... +60
Permissible storage temperature
°C
-40 ... +80
Installation altitude above sea level
m
ˆ 2000
Degree of protection (acc. to IEC 60529)
IP20 max. set current Ie ˆ 100 A;
IP00 max. set current Ie > 100 A
Shock resistance (sine pulse)
g/ms
10/5
Mounting position
Any
Mounting
• Max. set current Ie ˆ 100 A
Snap-on mounting onto 35 mm standard mounting rail or
screw fixing with push-in lugs
• Max. set current Ie > 100 A
Screw fixing directly onto contactor or screw fixing
EMC interference immunity
• Conducted interference, burst acc. to IEC 61000-4-4
kV
2 (corresponds to degree of severity 3)
• Conducted interference, surge acc. to IEC 61000-4-5
kV
2 (corresponds to degree of severity 3)
• Electrostatic discharge acc. to IEC 61000-4-2
kV
8 (corresponds to degree of severity 3)
• Field-related interference acc. to IEC 61000-4-3
V/m
10 (corresponds to degree of severity 3)
EMC interference emission
Limit class B acc. to EN 55011 (VDE 0875 Part 11)
Safe isolation
(product version 12 upwards, start of delivery 01/2000)
All electric circuits in SIMOCODE-DP are safely isolated from each other,
i.e. they are designed with double leakage paths and clearances
Power circuit from the control/electronic circuits:
Safe isolation up to 690 V or 1000 V between control and electronic circuits
One below the other: Safe isolation up to 300 V
Observe notes of test report "Safe Isolation" No. 1610a.
Basic units
Displays
• Green "Ready" LED
Continuous light: "Ready"
Off: "No control supply voltage" or "Function test not OK; device is disabled"
• Green "BUS" LED
Continuous light: "Bus operation"
• Red "General Fault" LED
Continuous light/blinklight: "Feeder fault", e.g. overload tripping
Test/Reset buttons
By pressing the Test/Reset button, the device can be reset following a trip or its
functions can be tested
System interfaces
RS 232 for connecting the expansion module, operator panel or PC
PROFIBUS DP interface
RS 485 for connecting the PROFIBUS DP line using terminals (conductor cross-
sections as for auxiliary contacts) or 9-pole SUB D socket
Main circuits
Rated insulation voltage Ui
(with pollution degree 3)
• For uninsulated conductors (3UF5 001 to 3UF5 021)
V
690
• For insulated conductors (3UF5 001 to 3UF5 021)
V
1000
• For uninsulated and insulated conductors
(3UF5 031 to 3UF5 051)
V
1000
Rated impulse withstand voltage Uimp
• 3UF5 001 to 3UF5 021
kV
6
• 3UF5 031 to 3UF5 051
kV
8
Rated frequency
Hz
50/60
Type of current
Three-phase current
Short-circuit protection
See table Short-circuit protection with fuses for motor feeders, page 7/31
Diameters of feed-through openings
(max. Ie = 100 A)
• Devices with max. set current Ie ˆ 25 A
mm
10
• Devices with max. set current Ie ˆ 100 A
mm
15
• Devices with max. set current Ie > 100 A
Design with connecting bars
Busbar connections
• Current range
A
50 ... 205
125 ... 500
200 ... 820
• Tightening torque
Nm
M 8: 10 ... 14
M 10: 14 ... 24
M 10: 14 ... 24
M 12: 20 ... 35
• Finely stranded with cable lug
mm2
35 ... 95
50 ... 240
50 ... 240
• Stranded with cable lug
mm2
50 ... 120
70 ... 240
70 ... 240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com