Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/33
Siemens LV 1 T · 2006
SIMOCODE-DP 3UF5
motor protection and control devices
■Characteristic curves
Tripping characteristics for three-pole loads
The current-time curves for 3-pole symmetrical load show the
relationship between the release time from cold and multiples of
the operational current.
If the device is pre-loaded with 100 % of the current setting, the
tripping times are reduced.
Tripping characteristics for double-pole loads
In the case of 2-pole loading (failure of one phase) or current
unbalance > 40 % of the current setting, the tripping times are
reduced, because the heat generated due to the unbalanced
loading of the motor rises.
■Dimensional drawings
3UF5 001, 3UF5 011 and 3UF5 021 basic units
3UF5 031, 3UF5 041 and 3UF5 051 basic units
120
100
50
20
10
5
2
1
50
20
10
5
2
1
2
5
10xIe
NSA00146
0,6
CLASS 30
25
20
15
10
CLASS 5
Tripping current (average)
120
100
50
20
10
5
2
1
50
20
10
5
2
1
2
5
10xIe
NSA00147
0,6
CLASS 30
25
20
15
10
CLASS 5
Tripping current (average)
50
70
4,5
100
a
f
c
d
10
7,2
127,5
NSA00148
5
a
b
c
d
e
f
3UF50 01
10
34
29
46
-
-
3UF50 11
10
34
29
46
48
4
3UF50 21
15
29
24
47
48
4
q
g
h
f
a
e
k
m
c
l
j
n
p
3 U F 5 0 3 1
3 U F 5 0 4 1
3 U F 5 0 5 1
a
1 2 0
1 4 5
2 3 0
8 5
8 5
8 5
1 5 5
1 7 5
1 9 0
1 1 0
1 0 5
1 2 0
4 0
5 0
7 0
Ø 7
Ø 9
Ø 1 1
4 2
5 2
7 0
3 7
4 8
–
3 U F 5 0 3 1
3 U F 5 0 4 1
3 U F 5 0 5 1
1 2 5
1 3 0
1 3 5
4 1
4 6
5 5
2 0
3 0
4 0
1 3 1
1 5 1
1 6 6
7 , 2
7 , 2
7 , 2
1 3
–
–
1 4 5
1 6 0
1 7 5
4
6
8
b
c
d
e
f
g
h
i
j
k
l
m
n
o
p
M 8
M 1 0
M 1 2
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com