Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3RN1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
Monitoring and Control Devices
Introduction
7/2
Siemens LV 1 T · 2006
■Overview
1) See Catalog IK PI · 2005 "Industrial Communication for Automation and
Drives"
The advantages at a glance
Order No.
Page
SIMOCODE 3UF motor management and control devices
SIMOCODE pro 3UF7
• Compact, modular design
• Unique flexibility in terms of functionality and hardware
configuration
• Wide functional range from the distributed I/O system to the
autonomous motor management system
• All control functions from the direct starter to the pole-
changing switch with reversing contactor
• All motor sizes
• Integration in all PROFIBUS-capable automation systems
• Application in low-voltage controlgear for motor control
centers on the process industry
• Increases plant availability
• Saves costs during construction, commissioning and
operation of the plant
• Extensive data of the motor feeder available everywhere on
the PROFIBUS
• All protection, monitoring and control functions for the motor
feeder in a single system
3UF7
7/5
SIMOCODE-DP 3UF5
3UF5
7/26
3UF18 current transformers for overload
protection
• Protection converter for activating overload relays or for use
with SIMOCODE pro
• Ensures proportional current transfer up to a multiple of the
primary rated current
3UF18
7/35
3UL22 summation current transformers
• Senses fault currents in machines and plants
• Senses ground fault currents
3UL22
7/40
LOGO! logic modules
LOGO! logic modules
• Compact, user-friendly and low-cost solution for simple
control tasks
• Universal:
- Building installation and wiring (lighting, shutters,
awnings, doors, access control, barriers, ventilation
systems ...)
- Control cabinet installation
- Machine and device construction (pumps, small presses,
compressors, hydraulic lifts, conveyors ...)
- Special controls for conservatories and greenhouses
- Signal preprocessing for other controllers
• Flexible expansion depending on the application
LOGO! Modular basic variants
• With display, pushbuttons and an interface for connecting
extension modules
6ED1 052-1
7/42
LOGO! Modular pure variants
• Without display and pushbuttons but with an interface for
connecting extension modules
6ED1 052-2
7/43
LOGO! Modular extension modules
• For connection to LOGO! Modular basic variants with
digital inputs and outputs or analog inputs and outputs
6ED1 055-1
IK PI1)
LOGO! Modular communications modules
• For integrating LOGO! in an instabus KNX EIB system or as
an AS-Interface slave
3RK1 400
IK PI1)
LOGO!Power
• Power supply for converting the supply voltage of
100 ... 240 V AC into an operational voltage of 24 V DC or
12 V DC
6EP1 3
IK PI1)
LOGO!Contact
• Switching module for switching resistive loads and motors
directly
6ED1 057-4
IK PI1)
LOGO! Software
• For switchgear program generation on the PC
6ED1 058
7/44
3UF7
3UF5
6ED1 052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com