Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
3UL22 summation current transformers
7/40
Siemens LV 1 T · 2006
■Overview
The 3UL22 summation current transformers sense fault currents
in machines and plants. Together with the 3UL21 evaluation unit
or the SIMOCODE 3UF motor management and control device
they enable residual-current and ground-fault monitoring.
■Technical specifications
■Dimensional drawings
3UL22 summation current transformers
Summation current transformers
Type
3UL22 .1
3UL22 .2
3UL22 .3
Rated insulation voltage Ui
AC
50/60 Hz
690 V
1000 V
Rated fault current IDn
• Without response delay
A
0.3 ... 1
0.3 ... 40
0.3 ... 40
• With response delay
A
1
1 ... 40
1 ... 40
Permissible ambient temperatures
°C
-20 ... +70
Feed-through openings
mm
40
65
120
For Protodur cables
can be fed through
max. mm²
4 x 95
4 x 240
8 x 300
NSB00364
a 1
a 2
a3
b5
a4
a5
a 6
Z1
A2
Z3
Z2
3UL22 1-A
3UL22 2-A
3UL22 3-A
200
125
100
165
95
75
20
10
10
20
15
15
200
110
85
100
97,5
72,5
80
100
170
100
55
42,5
10
7,5
7,5
120
65
40
85
70
65
70
60
50
55
45
40
a
1
a
2
a
3
a
4
a
5
a
6
b
1
b
2
b
3
b
4
b
5
c
1
c
2
c
3
Type
for M 4
for M 4
for M 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com