Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 73Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 74Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 77Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Current monitoring
7/74
Siemens LV 1 T · 2006
■Technical specifications
1) Note: This is a Class A product. In the household environment this device
may cause radio interference. In this case the user must introduce
suitable measures.
3UG46 21-.AA
3UG46 21-.AW
3UG46 22-.AA
3UG46 22-.AW
General data
Rated control supply voltage Us
V
24
24 … 240
24
24 … 240
Rated frequency
Hz
50/60
Operating range
V
20.4 ... 26.4
Rated power
VA
2/4
Width
mm
22.5
RESET
Automatic/manual
Availability time after application of Us
ms
1000
Response time on occurrence of a fault
ms
300
Adjustable tripping delay time
s
0.1 … 20
Adjustable ON-delay time
s
0.1 … 20
Mains buffering time, typical
ms
10
Rated insulation voltage Ui
Degree of pollution 3
Overvoltage category III acc. to VDE 0110
V
300
Rated impulse withstand voltage Uimp
kV
4
Permissible ambient temperature
• During operation
°C
-25 … +60
• During storage
°C
-40 … +85
EMC tests1)
IEC 60947-1/IEC 61000-6-2/IEC 61000-6-4
Degree of protection
• Enclosures
IP40
• Terminals
IP20
Vibration resistance acc. to IEC 60068-2-6
Hz/mm
1-6/15; 6-500.20 m/s2
Shock resistance acc. to IEC 60068 Part 2-27
g/ms
15/11
Conductor cross-section
• Screw-type connection
M 3 (standard screwdriver size 2 and Pozidriv 2)
- Solid
mm2
1 x (0.5 ... 4)/2 x (0.5 ... 2.5)
- Finely stranded with end sleeve
mm2
1 x (0.5 ... 2.5)/2 x (0.5 ... 1.5)
- AWG conductors, solid or stranded
AWG
2 x (20 ... 14)
- Tightening torque
Nm
0.8 … 1.2
• Spring-loaded terminals
- Solid
mm2
2 x (0.25 ... 1.5)
- Finely stranded, with end sleeves acc. to DIN 46228
mm2
2 x (0.25 ... 1.5)
- Finely stranded
mm2
2 x (0.25 ... 1.5)
- AWG conductors, solid or stranded
AWG
2 x (24 ... 16)
Measuring circuit
Measuring range for single-phase AC/DC current
A
0.003 ... 0.6
0.05 ... 15
Setting range for single-phase current
A
0.003 ... 0.5
0.05 ... 10
Measuring accuracy
%
5
Repeat accuracy at constant parameters
%
1
Accuracy of digital display
– 1 digit
Deviations for temperature fluctuations
%/°C
– 0.1
Hysteresis for single-phase current
0.1 ... 250 mA
0.01 ... 5 A
Control circuit
Load capacity of the output relay
• Thermal current limit Ith
A
5
Rated operational current Ie at
• AC-15 230/ 400 V
A
3
• DC-13 24 V
A
1
• DC-13 110 V
A
0.2
• DC-13 230 V
A
0.1
Minimum contact load at 17 V DC
mA
5
Output relay for DIAZED fuse
gl/Gg operational class
A
4
Electrical endurance AC-15
Million
operat-
ing
cycles
0.1
Endurance with contactor relay
Million
operat-
ing
cycles
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com