Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE pro 3UF7
motor management and control devices
7/8
Siemens LV 1 T · 2006
Operator panel
The operator panel is used to control the motor feeder and can
replace all conventional pushbuttons and indicator lights to save
space. This means that SIMOCODE pro or the feeder can be
operated directly at the control cabinet and that the system
interface is connected externally for easier parameterization or
diagnostics using a PC/PG, for example.
The operator panel is connected to the basic unit over a
connection cable from its rear system interface and is supplied
electrically from the basic unit.
The operator panel has 5 freely assignable buttons and a total of
10 LEDs, of which 7 LEDs can be used as required and
assigned to any status signal.
A PC/PG can be connected to the front system interface over the
PC cable.
The operator panel is mounted in the control cabinet door or the
front plate of, for example, a withdrawable unit and satisfies IP54
degree of protection with the system interface covered.
Operator panel for SIMOCODE pro
•10 LEDs
• Labeling strips
• Test/reset button
• 4 control keys
• 2 system interfaces on the front with interface covers
Expansion modules for additional I/Os and functions
With basic unit 2 (SIMOCODE pro V), it is possible to expand the
number and type of inputs and outputs in order to implement
additional functions, for example. Each expansion module has
two system interfaces on the front. Through the one system
interface the expansion module is connected to the system
interface of basic unit 2 using a connection cable, for example;
through the second system interface, further expansion modules
or the operator panel can be connected. The power supply for
the expansion modules is provided by the connection cable
through basic unit 2.
All expansion modules are suitable for rail mounting or can be
directly fixed to a mounting plate using additional plug-in lugs.
Basic unit 2 can be extended on the whole with up to 5
expansion modules.
Expansion with additional binary I/Os through digital
modules
Up to two digital modules can be used to add additional binary
inputs and relay outputs to basic unit 2. The input circuits of the
digital modules are supplied from an external power supply. The
following variants are available:
• 4 inputs, supplied externally with 24 V DC and 2 monostable
relay outputs
• 4 inputs, supplied externally with 110 ... 240 V AC/DC and 2
monostable relay outputs
• 4 inputs, supplied externally with 24 V DC and 2 bistable
relay outputs
• 4 inputs, supplied externally with 110 ... 240 V AC/DC and 2
bistable relay outputs
Up to two digital modules can be connected to one basic unit 2.
All variants can be combined with each other.
3UF7 300-1AB00-0 (left) and 3UF7 300-1AU00-0 (right) digital modules
4 binary inputs, externally supplied with
•24 V DC or
• 110 ... 240 V AC/DC
2 relay outputs,
• monostable or
• bistable (the switching status of the relay outputs is also
maintained following failure of the supply voltage on basic
unit 2)
1 Ready LED
2 system interfaces for connection
• to basic unit 2
• of expansion modules
• of a current measuring module or current/voltage measuring
module
• of an operator panel
Note:
For the implementation of some motor control functions, in
addition to the relay outputs on basic unit 2, at least one further
digital module is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com