Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 69Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 73Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 74Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
Monitoring Relays
7/73
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Current monitoring
■Overview
The relays monitor single-phase AC and DC currents against the
set threshold for overshoot and undershoot. They differ with
regard to their measuring ranges and supply voltage types.
■Function
3UG46 21/3UG46 22 monitoring relays
The 3UG46 21/3UG46 22 current monitoring relay is supplied
with an auxiliary voltage of 24 V AC/DC or 24 to 240 V AC/DC
and performs overshoot, undershoot or window monitoring of
the current depending on how it is parameterized. The device is
equipped with a display and is parameterized using three
buttons.
The measuring range extends from 3 to 500 mA or 0.05 to 10 A.
The threshold values for overshoot or undershoot can be freely
configured within this range. If one of these threshold values is
reached, the output relay responds according to the set
principle of operation as soon as the tripping delay time IDel has
elapsed. This time and the ON-delay time onDel are adjustable
from 0.1 to 20 s.
The hysteresis is adjustable from 0.1 to 250 mA or 0.01 to 5 A.
The device can be operated on the basis of either the open-
circuit or closed-circuit principle and with manual or auto RESET.
One output changeover contact is available as signaling
contact.
With the closed-circuit principle selected
Current overshoot
Current undershoot
Window monitoring
= 0
11/14
A1-A2
11/12
>
Hysteresis
Delay
onDelay
= 0
11/14
A1-A2
11/12
<
Hysteresis
Delay
onDelay
>
11/14
11/12
= 0
A1-A2
<
Hysteresis
Hysteresis
Delay
Delay
Delay
Delay =
onDelay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com