Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 44Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
LOGO! Logic Modules
7/41
Siemens LV 1 T · 2006
General data
■Overview
• The compact, user-friendly, and low-cost solution for simple
control tasks
• Compact, user-friendly, can be used universally without
accessories
• "All in one": the display and operator panel are integrated
• 36 different functions can be linked at a press of a button or
with PC software; up to 130 times in total
• Functions can be changed simply using buttons;
no complicated rewiring
Catalog ST 70
Information on LOGO! can also be found in the catalog ST 70:
http://www.siemens.com/automation/
simatic/ftp/st70/html_00/st70k1ad.pdf
■Design
The LOGO! modular design is available in different variants for
different supply voltages (12 V DC, 24 V DC, 24 V AC,
115/230 V DC, 115/230 V AC):
• Basic variants
• Low-cost pure variants without operator control and display
panels
The LOGO! variants have the following distinguishing
characteristics:
• R: Relay output
• C: Clock/time switch
• o: Without display
LOGO! is simple:
• Warning and switching off in one unit; no other tools are
required
• Non-volatile storage of control program and setpoints
(e.g. times) in integrated EEPROM
LOGO! is space-saving:
• e.g. LOGO! 230RC: 72 x 90 x 55 mm (W x H x D)
• Fitted mounting in the distribution box (same mounting
dimensions as the ground-fault circuit interrupter)
LOGO! offers maximum flexibility and is universal:
• Expandability:
Depending on the application, additional expansion modules
can be connected
LOGO! is communication-capable:
• Optional communication modules support interfacing to
AS-Interface and instabus EIB networks
■Function
LOGO! is simple:
• 36 functions:
Integrated basic functions (e.g. AND, OR) and special
functions (e.g. timers, counters, latching relays, PI controllers)
of the electronics
• Program generation simply by combining stored functions at
the press of a key or PC software
• Easy-to-use and simple duplication of the control program
with an optional program module
LOGO! offers maximum flexibility and is universal:
• Easy modification by reconnecting the functions at a press of
a key; no need for time-consuming rewiring
• Optional operation from the PC:
For creating, simulating, online testing and archiving the
control program on the PC, including documentation facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com