Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
3UF18 current transformers
for overload protection
7/38
Siemens LV 1 T · 2006
■Dimensional drawings
3UF18 43 current transformer
3UF18 45 current transformer
for stand-alone installation: for screw and snap-on mounting onto 35 mm
standard mounting rails according to EN 50022
1) Clearance to grounded components.
2) Snap-on mounting onto standard mounting rails
EN 50022-35 x 7.5 or EN 50022-35 x 15
3UF18 47 to 3UF18 52 current transformers
3UF1 854 to 3UF1 857 current transformers
M 4
3 5
4 5
6
9 4
9
4 , 5
1 0 2
N S A 0 _ 0 0 1 5 6
6
5 5
4 5
6
1 )
1 )
M 4
M 3 , 5
6
a
a
b
q
h
i
j
6,2
g
1
a
b
d
e
f
g
h
i
j
k
l
m
n
q
26,5 25
82
111 122
10,5 90
46
90
105
35
62
89
Ø 6,2
26,5 25
82
111 122
10,5 90
46
90
105
35
62
89
Ø 6,2
37
37,5 71,5 99
114
15
110
41
120 95
33
67
98
Ø 6,6
42
37,5 71,5 102 122
20
110
42
120 95
33
67
98
Ø 9
3UF1 847
3UF1 848
3UF1 850
3UF1 852
3RT1 044
3RT1 045
3RT1 046
1
Additional cover, can be shortened
1
Transformers Contactors
1 4 5
5 0
6 6
6
1 5
1 2 7
0 , 5
1 0
j
i
9
i
j
4 8
2 5
5 2
3 0
1 1 f o r M 1 0
T r a n s f o r m e r s
3 U F 1 8 5 4
3 U F 1 8 5 6
3 U F 1 8 5 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com