Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 87Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 88Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 89Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 90Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 91Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 92Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 93Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 94Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
Monitoring Relays
7/91
Siemens LV 1 T · 2006
3RS10, 3RS11 Temperature Monitoring Relays
Relays, analog adjustable
■Dimensional drawings
■Schematics
Connection examples
3RS10 00, 3RS10 10
3RS11 00, 3RS11 01
3RS10 20, 3RS10 30
3RS11 20, 3RS11 21
General equipment designation
A1 = 24 V AC/DC, 230 V AC, 24 ... 240 V AC/DC
A3 = 110 V AC
A2 = M
K1, K2, K3 output relay
Equipment designation for 3RS10 00, 3RS10 10, 3RS11 00,
3RS11 01, 3RS10 20, 3RS10 30, 3RS11 20, 3RS11 21
= LED: "Device connected to supply"
J1 = LED: "Relay 1 tripped"
J2 = LED: "Relay 2 tripped"
T1 to T3 = Sensor connection for resistance sensor
T+/T- = Sensor connection for thermocouples
Caution!
When resistance sensors with two-wire connection are used,
T2 and T3 must be jumpered.
NSB0_01606
86
5
36
15
22,5
15
22,5
A
B
C
Type
3RS10 00
3RS10 10
3RS11 0
3RS11 1
3RS1 .2
3RS1 .3
Standard terminal
Screw-type
terminal
80
90
100
Removable terminal
Spring-loaded
terminal
84
94
103
Screw-type
terminal
83
92
102
A2
NSB0_01333b
A1
T1
T2
T3
K1
11
13
14
12
A3
A2
NSB0_01334b
A1
T-
T+
K1
11
13
14
12
A3
A2
NSB0_01335b
A1
T1
T2
T3
K1
11
14
23
K2
12
24
1
2
A2
NSB0_01336b
A1
T-
T+
K1
11
14
23
K2
12
24
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com