Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 44Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 45Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 46Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 47Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 48Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 49Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
3RP, 7PV Timing Relays
General data
7/46
Siemens LV 1 T · 2006
1) Note on function with start contact: A new control signal at terminal B,
after the operating time has started, resets the operating time to zero. This
does not apply to G, G! and H, H!, which are not retriggerable.
Function
Function chart
3RP20 timing relay
and 3RP19 01
label set
3RP15 timing relay and
3RP19 01 label set
Timing relay energized
Contact closed
Contact open
2 CO contacts
ON-delay
7
7
7
A
7
ON-delay
and instantaneous contact
7
7
A!
OFF-delay with
auxiliary voltage
7
7
7
B1)
OFF-delay
with auxiliary voltage
and instantaneous contact
7
7
B!1)
OFF-delay without
auxiliary voltage
7
ON-delay and OFF-delay with
auxiliary voltage (t = ton = toff)
7
7
7
C1)
ON-delay and OFF-delay with
auxiliary voltage and instantaneous
contact (t = ton = toff)
7
7
C!1)
Flashing,
starting with interval
(pulse/interval 1:1)
7
7
7
D
Flashing,
starting with interval
(pulse/interval 1:1)
and instantaneous contact
7
7
D!
Passing make contact
7
7
7
E
Passing make contact
and instantaneous contact
7
7
E!
t
A1/A2
15/18
15/16
25/28
25/26
15/18
15/16
t
A1/A2
21/24
21/22
t
>
A1/A2
15/18
15/16
B1/A2
25/28
25/26
35 ms
15/18
15/16
t
35ms
21/24
21/22
A1/A2
B1/A2
>
15/16
A1/A2
200 ms
t
15/18
25/28
25/26
>
15/18
15/16
t
25/28
25/26
A1/A2
B1/A2
t
15/18
15/16
t
21/24
21/22
A1/A2
B1/A2
t
15/18
15/16
t
A1/A2
25/28
25/26
t
15/18
15/16
21/24
21/22
A1/A2
t
t
15/18
15/16
t
A1/A2
25/28
25/26
15/18
15/16
21/24
21/22
A1/A2
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com