Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE-DP 3UF5
motor protection and control devices
7/30
Siemens LV 1 T · 2006
Auxiliary circuits/control circuits
Rated control supply voltage Us
AC 50/60 Hz; 115 V and 230 V
24 V DC
Operating range
AC 50/60 Hz 0.85 ... 1.1 x Us
24 V DC; 0.85 ... 1.2
™ Us
Power input
AC 50/60 Hz; 5 VA
24 V DC; 5 W
Rated insulation voltage Ui
V
300 (at pollution degree 3)
Rated impulse withstand voltage Uimp
kV
4
Outputs
•Number
4 monostable/bistable outputs depending on the variant
• Auxiliary contacts of the 4 outputs
NC contact response can be parameterized by means of internal signal
conditioning; 3 outputs jointly and 1 separately connected to common potential; they
can be freely assigned to the control functions (e.g. for activating mains, wye and
delta contactors and signaling the operating status)
• Specified short-circuit protection
for auxiliary contacts (outputs)
Fuse links, gL/gA operational class 6 A, quick 10 A; circuit-breaker 1.6 A,
C characteristic
Rated uninterrupted current
A
5
Rated operational current
(switching capacity)
AC-15; 6 A/24 V; 6 A/120 V; 3 A/230 V
DC-13; 2 A/24 V; 0.55 A/60 V; 0.25 A/125 V
Inputs
4 inputs, supplied by the device electronics (24 V DC), jointly connected to a
common potential, for injecting process signals such as local control points, key-
operated switches or limit switches
Thermistor motor protection
(binary PTC thermistor)
• Summation cold resistance
k
W
1.5
• Operating value
k
W
2.7 ... 3.1
• Return value
k
W
1.5 ... 1.65
Conductor cross-sections
• Tightening torque
Nm
0.8 ... 1.2
• Solid and stranded
mm2
1
™ (0.5 ... 4.0); 2 ™ (0.5 ... 2.5)
• Finely stranded with or without end sleeve
mm2
1
™ (0.5 ... 2.5); 2 ™ (0.5 ... 1.5)
Expansion modules
System interfaces
RS 232 as connection to the basic unit and for connecting the operator panel or PC
Rated insulation voltage Ui
V
300 (at pollution degree 3)
Rated impulse withstand voltage Uimp
kV
4
Outputs
•Number
4 bistable outputs
• Auxiliary contacts of the 4 outputs
Each with 1 floating NO contact, NC contact response can be parameterized with
internal signal conditioning, 3 outputs are jointly and 1 is separately connected to a
common potential; they can be freely assigned to the control functions (e.g. for
activating mains, wye and delta contactors and for signaling the operating status)
• Specified short-circuit protection
for auxiliary contacts (outputs)
Fuse links, operational class gL/gA 6 A, quick 10 A;
circuit-breaker 1.6 A, C characteristic
Rated uninterrupted current
A
5
Rated operational current
(switching capacity)
AC-15; 6 A/24 V; 6 A/120 V; 3 A/230 V
DC-13; 2 A/24 V; 0.55 A/60 V; 0.25 A/125 V
Inputs
8 externally supplied with 24 V DC, 115 V AC or 230 V AC depending on the variant,
jointly connected to a common potential, for injecting process signals such as local
control points, key-operated switches or limit switches
Conductor cross-sections
• Tightening torque
Nm
0.8 ... 1.2
• Solid and stranded
mm2
1
™ (0.5 ... 4.0); 2 ™ (0.5 ... 2.5)
• Finely stranded with or without end sleeve
mm2
1
™ (0.5 ... 2.5); 2 ™ (0.5 ... 1.5)
Operator panels
Displays
• Green "Ready" LED
Continuous light: "Ready"
Off: "No control supply voltage" or "Function test not OK; device is disabled"
• Red "General Fault" LED
Continuous light/blinklight: "Feeder fault", e.g. overload tripping
• 3 green and 3 yellow LEDs
Feeder-specific displays, freely-assignable, e.g. manual/automatic mode, tripping of
thermistor protection, clockwise/counterclockwise rotation etc.
Keys
• Test/Reset
by pressing the Test/Reset button, the device can be reset following a trip or its
functions can be tested
• Control keys
for controlling the motor feeder, freely programmable
System interfaces
RS 232 as connection to the basic unit, to the expansion module and for connection
to PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com