Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RN1 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 3RN1
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3RN1 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 3RN1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 44Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 45Page - List of Unclassifed Manufacturers 3RN1 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
LOGO! Logic Modules
LOGO! Modular basic variants
7/42
Siemens LV 1 T · 2006
■Overview
• The space-saving basic variants
• With interface for connection of expansion modules
■Design
• Relay outputs with up to 10 A output signal
(not LOGO! 24)
• Integrated front panel with background illumination
(4x12 characters)
• Integrated operator control panel
• Integrated EEPROM for storing control program and setpoints
• Optional program module
• Integrated clock with automatic summertime/wintertime
changeover (not LOGO! 24)
• 8 digital inputs, 4 digital outputs
• 2 inputs as analog inputs for 12/24 V DC variants
(0 to 10 V); inputs can also be used as digital inputs
• 2 inputs for counting up to 2 kHz can be used
(for DC variants only)
• Interface for connecting expansion modules, max. 24 digital
inputs, 16 digital outputs, 8 analog inputs and 2 analog
outputs can be addressed
■Function
• Integrated basic and special functions:
- Basic functions:
AND, OR, NOT, NAND, NOR, XOR, positive/negative
flank evaluation
- Special functions:
ON delay, latching ON delay, OFF delay, pulse relay, latching
relay, counter (forwards/backwards), time switch, interval
time-delay relay, operating hours meter, threshold switch,
asynchronous pulse encoder, twelve-month time switch,
easy-to-use switch function, random generator, staircase
lighting function according to DIN 18015-2, edge-triggered
interval time-delay relay, combined ON/OFF delay, analog
comparator, analog threshold switch, analog delta threshold
switch, analog watchdog, analog amplifier, text and variable
display, shift register, softkey function, PI controller, ramp
function, analog multiplexer
• 130 function blocks can be combined
• 24 flags (including start-up flag)
• Integrated retentivity
• Password protection
Optional function
• Additional know-how protection with the optional program
module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com