Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Figure 8. Schematic Diagram for USB, PS/2 mouse application with ADNS-3090
Notes
1. Caps for pins 15 and 17 MUST have trace lengths LESS than 5 mm to nearest ground pin.
2. Pins 15 and 17 caps MUST use pin 16 GND.
3. Pin 9, if used, should not be connected to PCB GND to reduce potential RF emissions.
4. The 0.1 uF caps must be ceramic.
5. Caps should have less than 5 nH of self inductance.
6. Caps should have less than 0.2 Ω ESR.
7. NC pins should not be connected to any traces.
8. Surface mount parts are recommended.
9. Care must be taken when interfacing a 5V microcontroller to the ADNS-3090. Serial port inputs on the sensor should be connected to open-
drain outputs from the microcontroller or use an active drive level shifter. NPD and RESET should be connected to 5V microcontroller outputs
through a resistor divider or other level shifting technique.
10. VDD3 and GND should have low impedance connections to the power supply.
11. Capacitors connected to pin 15 and 17 should be connected to pin 16 and then to pin 19.
ADNS-3090
USB
MCU
0.1
μF
14
10
Vcc
Vpp
9
VSS
4.7
μF
Ceramic Resonator
AVX KBR -24.0-MSA
Murata CSAL24MOX040
17
5
V DD
LED_CTRL
SURFACE
Internal
Image
Sensor
ADNS
2120
Lens
HLMP-EG3E
24 MHz
8
10
OSC_OUT
OSC_IN
15
GND
0.1
μF
24
P0.5
3
P0.4
4
6
MOSI
RESET
P0.2
23
1.3 K
Ω
16
15
D -
D +
Vreg
11
P1.7
P1.5
P1.4
Z LED
17
18
7
Vcc
D +
D -
GND
SHLD
240
Ω
6 MHz
12
13
XTALIN
XTALOUT
(Optional)
6
5
P1.2
P1.0
Buttons
L
M
QA
QB
Vcc
GND
V DD
19
16
GND
1 K
Ω
REFB
14
P0.3
7
NPD
4
P0.7
3
SCLK
21
P0.6
2
MISO
22
9
GUARD
11
18
20
P1.1
R
Notes:
All capacitors close to chip
24 MHz and 6 MHz close to chip
20
K
20
K
1
NCS
LP2950ACZ-3.3
31
2
Vo
Vin
GND
4.7
μF
0.1
μF
0.1
μF
MMBT2222A
13
REFC
2.2
μF
187
Ω
1/8 W
Vo
Vo 3.3V
12
OPTP
Ω
Ω
20
10 K
Ω
10 K
Ω
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com