Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 27 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 27 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27
Pixel_Sum
Address: 0x06
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type: High 8 bits of an unsigned 16-bit integer.
USAGE: This register is used to find the average pixel value. It reports the upper byte of a 16-bit counter which sums
all 900 pixels in the current frame. It may be described as the full sum divided by 256. To find the average pixel value,
use the following formula:
Average Pixel = Register Value * 256 / 900 = Register Value/3.51
The maximum register value is 221 (63 * 900/256 truncated to an integer). The minimum is 0. The pixel sum value
can change on every frame.
Maximum_Pixel
Address: 0x07
Access: Read
Reset Value: 0x00
Bit
76
5
4
3210
Field
0
0
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Six bit number.
USAGE: Maximum Pixel value in current frame. Minimum value = 0, maximum value = 63. The maximum pixel value
can vary with every frame.
Reserved
Address: 0x08
Reserved
Address: 0x09
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com