Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADNS-3090 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Description
The ADNS-3090 is a high performance addition to
PixArt
Imaging’ popular ADNS family of optical mouse
sensors.
The ADNS-3090 is based on a new, faster architecture with
improved navigation. The sensor is capable of sensing high
speed mouse motion - up to 60 inches per second and
acceleration up to 20g – for increased user precision and
smoothness.
The ADNS-3090 along with the ADNS-2120-001 trim lens,
ADNS-2220-001 assembly clip and HLMP-EG3E-xxxxx led
form a complete, compact optical mouse tracking system.
There are no moving parts, which means high reliability and
less maintenance for the end user. In addition, precision
optical alignment is not required, facilitating high volume
assembly.
The sensor is programmed via registers through a four-wire
serial port. It is packaged in a 20-pin staggered dual inline
package (DIP).
Theory of Operation
The ADNS-3090 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement.
It contains an Image Acquisition System (IAS), a Digital
Signal Processor (DSP), and a four-wire serial port.
The IAS acquires microscopic surface images via the lens
and illumination system. These images are processed
by the DSP to determine the direction and distance of
motion. The DSP calculates the Δx and Δy relative dis-
placement values.
An external microcontroller reads the Δx and Δy informa-
tion from the sensor serial port. The microcontroller then
translates the data into PS2 or USB signals before sending
them to the host PC or game console.
Features
 High speed motion detection – up to 60 ips and 20g
 Enhanced architecture for greatly improved optical
navigation technology
 Programmable frame rate over 6400 frames per
second
 SmartSpeed self-adjusting frame rate for optimum
performance
 Serial port burst mode for fast data transfer
 1800 cpi or 3600 cpi selectable resolution
 Single 3.3 volt power supply
 Four-wire serial port along with Chip Select, Power
Down, and Reset pins
Applications
 Mice for game consoles and computer games
 Mice for desktop PC’s, Workstations, and portable
PC’s
 Trackballs
 Integrated input devices
ADNS-3090
High-Performance Optical Mouse Sensor
Data Sheet
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw


Similar Part No. - ADNS-3090

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
High-Performance Optical Mouse Sensor
More results

Similar Description - ADNS-3090

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
High-performance Optical Mouse Sensor
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
High-performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
High-Performance Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
High-Performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com