Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 36 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 36 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36
Shutter_Max_Bound_Lower
Address: 0x1D
Access: Read/Write
Reset Value: 0x8C (before SROM download)
0x00 (after SROM download)
Bit
7
6
5
4
3
2
1
0
Field
SB7
SB6
SB5
SB4
SB3
SB2
SB1
SB0
Shutter_Max_Bound_Upper
Address: 0x1E
Access: Read/Write
Reset Value: 0x20
Bit
7654
3
2
1
0
Field
SB15
SB14
SB13
SB12
SB11
SB10
SB9
SB8
Data Type: 16-bit unsigned integer.
USAGE: This value sets the maximum allowable shutter value when operating in automatic mode. Units are clock
cycles. Since the automatic frame rate function is based on shutter value, the value in these registers can limit the
range of the frame rate control. To read from the registers, read Upper first followed by Lower. To write to the registers,
write Lower first, followed by Upper, then execute a write to the Frame_Period_Max_Bound_Upper and Lower
registers. To set the shutter manually, disable the AGC via the Extended_Config register and write the desired value
to these registers.
Reading this register will return the most recent value that was written to it. However, the value will take effect only
after a write to the Frame_Period_Max_Bound_Upper and Lower registers. After writing to Frame_Period_Max_Bound_
Upper, wait at least two frame times before writing to Shutter_Max_Bound_Upper or Lower again. The “Busy” bit in the
Extended_Config register may be used in lieu of a timer to determine when it is safe to write. See the Extended_Config
register for more details.
In addition, the three bound registers must also follow this rule when set to non-default values:
Frame_Period_Max_Bound ≥ Frame_Period_Min_Bound + Shutter_Max_Bound.
SROM_ID
Address: 0x1F
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
Data Type:8-Bit unsigned integer.
USAGE: Contains the revision of the downloaded Shadow ROM firmware. If the firmware has been successfully down-
loaded and the chip is operating out of SROM, this register will contain the SROM firmware revision, otherwise it will
contain 0x00.
Note: The IC hardware revision is available by reading the Revision_ID register (register 0x01).
Reserved
Address: 0x20 – 0x3C
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com