Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 35Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
Figure 28. Shutter Value (white paper)
Shutter_Upper
Address: 0x0f
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Data Type: Sixteen bit unsigned integer.
USAGE: Units are clock cycles. Read Shutter_Upper first, then Shutter_Lower. They should be read consecutively. The
shutter is adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value
is checked and automatically adjusted to a new value if needed on every frame when operating in default mode.
When the shutter adjusts, it changes by ± 1/16 of the current value. The shutter value can be set manually by setting
the AGC mode to Disable using the Extended_Config register and writing to the Shutter_Maximum_Bound registers.
Because the automatic frame rate feature is related to shutter value. It may also be appropriate to enable the Fixed
Frame Rate mode using the Extended_Config register.
Shown below is a graph of 800 sequentially acquired shutter values, while the sensor was moved slowly over white
paper.
Shutter vs Z (White Paper)
Resolution = 3500cpi, Circle@7.5" diameter, Speed = 6ips
50
55
60
65
70
75
80
85
90
95
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Distance from Lens Reference Plane to Navigation Surface, Z (mm)
Avg-3sigma
Avg
Avg+3sigma
Figure 29. Mean shutter vs. Z (white paper)
The maximum value of the shutter is dependent upon the setting in the Shutter_Max_Bound_Upper and Shutter_
Max_Bound_Lower registers.
Shutter Values (White Paper)
Z =2.4mm, Circle@7.5" diameter, Speed = 6ips
0
10
20
30
40
50
60
70
80
90
100
1
101
201
301
401
501
601
701
Counts
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com