Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
Configuration_bits
Address: 0x0a
Access: Read/Write
Reset Value: 0x09
Bit
7
6
543210
Field
0
LED_MODE
Sys Test
RES
Reserved
Reserved
Reserved
Reserved
Data Type: Bit field
USAGE: Register 0x0a allows the user to change the configuration of the sensor. Shown below are the bits, their default
values, and optional values.
Field Name
Description
BIT 7
Must always be zero
LED_MODE
LED Shutter Mode
0 = Shutter mode off (LED always on)
1 = Shutter mode on (LED only on when illumination is required)
Sys Test
System Tests
0 = no tests
1 = perform all system tests, output 16 bit CRC via Data_Out_Upper and Data_Out_Lower registers.
NOTE: The test will fail if SROM is loaded. Perform a hardware reset before executing this test. Reload
SROM after the test is completed.
NOTE: Since part of the system test is a RAM test, the RAM and SRAM will be overwritten with the
default values when the test is done. If any configuration changes from the default are needed for
operation, make the changes AFTER the system test is run. The system test takes 200ms (@24MHz) to
complete.
NOTE: Do not access the Synchronous Serial Port during system test.
RES
Resolution in counts per inch
0 = 3500
1 = 1800
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com