Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
Figure 17. Read operation
1
2
3
4
5
6
7
8
0
A
6
A
5
A
4
A
3
A
2
A
1
A
0
9
10
11
12
13
14
15
16
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
tSRAD delay
SCLK
Cycle #
SCLK
MOSI
MISO
NCS
Figure 15. MOSI setup and hold time
Write Operation
Write operation, defined as data going from the micro-
controller to the ADNS-3090, is always initiated by the
micro-controller and consists of two bytes. The first byte
contains the address (seven bits) and has a “1” as its MSB
to indicate data direction. The second byte contains
the data. The ADNS-3090 reads MOSI on rising edges
of SCLK.
Figure 18. MISO delay and hold time
Read Operation
A read operation, defined as data going from the
ADNS-3090 to the micro-controller, is always initiated
by the micro-controller and consists of two bytes. The
first byte contains the address, is sent by the micro-
controller over MOSI, and has a “0” as its MSB to indicate
data direction. The second byte contains the data and is
driven by the ADNS-3090 over MISO. The sensor outputs
MISO bits on falling edges of SCLK and samples MOSI bits
on every rising edge of SCLK.
NOTE:
The 250 ns minimum high state of SCLK is also the minimum
MISO data hold time of the ADNS-3090. Since the falling
edge of SCLK is actually the start of the next read or write
command, the ADNS-3090 will hold the state of data on
MISO until the falling edge of SCLK.
SCLK
MOSI
tSetup, MOSI
tHold,MOSI
A
6
A
5
A
2
A
3
A
4
A
0
A
1
D
7
D
4
D
5
D
6
D
0
D
1
D
2
D
3
15
7
8
9
10
11
12
13
14
16
2
3
4
5
6
1
1
1
1
A
6
2
SCLK
MOSI
NCS
MISO
MOSI Driven by Micro-Controller
SCLK
MISO
D0
tHOLD-MISO
tDLY-MISO
Figure 16. Write Operation
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com