Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
Burst Mode Operation
Burst mode is a special serial port operation mode which
may be used to reduce the serial transaction time for
three predefined operations: motion read and SROM
download and frame capture. The speed improvement is
achieved by continuous data clocking to or from multiple
registers without the need to specify the register address,
and by not requiring the normal delay period between
data bytes.
Figure 22. Motion burst timing
Motion_Burst Register Address
Read First Byte
First Read Operation
Read Second Byte
SCLK
tSRAD-MOT ≥ 75 μs
Read Third Byte
Motion Read
This mode is activated by reading the Motion_Burst
register. The ADNS-3090 will respond with the contents
of the Motion, Delta_X, Delta_Y, SQUAL, Shutter_Upper,
Shutter_Lower and Maximum_Pixel registers in that
order. After sending the register address, the micro-
controller must wait tSRAD-MOT and then begin reading
data. All 56 data bits can be read with no delay between
bytes by driving SCLK at the normal rate. The data are
latched into the output buffer after the last address bit
is received. After the burst transmission is complete, the
micro-controller must raise the NCS line for at least tBEXIT
to terminate burst mode. The serial port is not available
for use until it is reset with NCS, even for a second burst
transmission.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com