Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 35 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 35 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
Frame_Period_Min_Bound_Lower
Address: 0x1B
Access: Read/Write
Reset Value: 0xAC (before SROM download)
0x7E (after SROM download)
Bit
7
6
5
4
3
2
1
0
Field
FBm7
FBm6
FBm5
FBm4
FBm3
FBm2
FBm1
FBm0
Frame_Period_Min_Bound_Upper
Address: 0x1C
Access: Read/Write
Reset Value: 0x0D (before SROM download)
0x0E (after SROM download)
Bit
7654
32
1
0
Field
FBm15
FBm14
FBm13
FBm12
FBm11
FBm10
FBm9
FBm8
Data Type: 16-bit unsigned integer.
USAGE: This value sets the minimum frame period (the MAXIMUM frame rate) that may be selected by the automatic
frame rate control. Units are clock cycles. The formula is
Frame Rate = Clock Rate / Register value
To read from the registers, read Upper first followed by Lower. To write to the registers, write Lower first, followed by
Upper, then execute a write to the Frame_Period_Max_Bound_Upper and Lower registers. The minimum allowed
write value is 0x7E0E; the maximum is 0xFFFF.
Reading this register will return the most recent value that was written to it. However, the value will take effect only
after a write to the Frame_Period_Max_Bound_Upper and Lower registers. After writing to Frame_Period_Max_
Bound_Upper, wait at least two frame times before writing to Frame_Period_Min_Bound_Upper or Lower again. The
“Busy” bit in the Extended_Config register may be used in lieu of a timer to determine when it is safe to write. See the
Extended_Config register for more details.
In addition, the three bound registers must also follow this rule when set to non-default values:
Frame_Period_Max_Bound ≥ Frame_Period_Min_Bound + Shutter_Max_Bound.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com