Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
Figure 14. Idd vs. Frame Rate
Figure 13. Relative responsivity
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
400
500
600
700
800
900
1000
wavelength (nm)
Average Supply Current vs Frame Rate VDD=3.6V
72%
88%
100%
51%
55%
0%
20%
40%
60%
80%
100%
120%
0
2000
4000
6000
8000
Frame Rate (Hz)
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com