Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
SROM Download
This function is used to load the
PixArt Imaging
supplied firmware file contents into the ADNS-3090. The
firmware file is an ASCII text file with each 2-character
byte (hexadecimal representation) on a single line.
This mode is activated by the following steps:
1. Perform hardware reset by toggling the RESET pin
2. Write 0x44 to register 0x20
3. Write 0x07 to register 0x23
4. Write 0x88 to register 0x24
5. Wait at least 1 frame period
6. Write 0x18 to register 0x14 (SROM_Enable register)
7. Begin burst mode write of data file to register 0x60
(SROM_Load register)
After the first data byte is complete, the SROM or micro-
controller must write subsequent bytes by presenting
the data on the MOSI line and driving SCLK at the normal
rate. A delay of at least tLOAD must exist between data
Figure 23. SROM download burst mode
bytes as shown. After the download is complete, the
micro-controller must raise the NCS line for at least tBEXIT
to terminate burst mode. The serial port is not available
for use until it is reset with NCS, even for a second burst
transmission.
PixArt Imaging recommends reading the SROM_ID
register to verify that the download was successful. In
addition, a self-test may be executed, which performs a
CRC on the SROM contents and reports the results in a
register. The test is initiated by writing a particular value
to the SROM_Enable register; the result is placed in the
Data_Out register. See those register descriptions for
more details.
PixArt Imaging provides the data file for download;
the file size is 1986 data bytes. The chip will ignore any
additional bytes written to the SROM_Load register after
the SROM file.
NCS
address
key data
address
byte 0
MOSI
SCLK
tNCS -SCLK
SROM_Enable reg write
SROM_Load reg write
exit burst mode
enter burst
mode
≥4μs
tLOAD
tLOAD
byte 1
byte 1985
tBEXIT
>120ns
address
soonest to read SROM_ID
3 reg writes, see text
≥1 frame
period
≥40μs
≥10μs
≥10μs
≥10μs
≥100μs
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com