Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 37 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 37 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 38Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
Observation
Address: 0x3D
Access: Read/Write
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
OB7
Reserved
OB5
Reserved
Reserved
Reserved
OB1
OB0
Data Type: Bit field
USAGE: Each bit is set by some process or action at regular intervals, or when the event occurs. The user must clear the
register by writing 0x00, wait an appropriate delay, and read the register. The active processes will have set their cor-
responding bit(s). This register may be used as part of a recovery scheme to detect a problem caused by EFT/B or ESD.
Field Name
Description
OB7
0 = chip is not running SROM code
1 = chip is running SROM code
Reserved
Reserved
OB5
NPD pulse was detected
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
OB1
Set once per frame
OB0
Set once per frame
Reserved
Address: 0x3E
Inverse_Product_ID
Address: 0x3F
Access: Read
Reset Value: 0xF8
Bit
7
6
5
4
3
2
1
0
Field
NPID7
NPID6
NPID5
NPID4
NPID3
NPID2
NPID1
NPID0
Data Type: Inverse 8-Bit unsigned integer
USAGE: This value is the inverse of the Product_ID, located at the inverse address. It can be used to test the SPI port.
Pixel_Burst
Address: 0x40
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Data Type: Eight bit unsigned integer
USAGE: The Pixel_Burst register is used for high-speed access to all the pixel values from one and 2/3 complete frame.
See the Synchronous Serial Port section for use details.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com