Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 30 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 30 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 34Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
Data_Out_Lower
Address: 0x0c
Access: Read
Reset Value: Undefined
Bit
76
54
3
2
1
0
Field
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
Data_Out_Upper
Address: 0x0d
Access: Read
Reset Value: Undefined
Bit
7
6
543
21
0
Field
DO15
DO14
DO13
DO12
DO11
DO10
DO9
DO8
Data Type: Sixteen bit word.
USAGE: Data in these registers come from the system self test or the SROM CRC test. The data can be read out 0x0d,
or 0x0d first, then 0x0c.
Data_Out_Upper
Data_Out_Lower
System test results:
0x1B
0xBF
SROM CRC Test Result:
0xBE
0xEF
System Test: This test is initiated via the Configuration_Bits register. It performs several tests to verify that the hardware
is functioning correctly. Perform a hardware reset just prior to running the test. SROM contents and register settings
will be lost.
SROM CRC Test: Performs a CRC on the SROM contents. The test is initiated by writing a particular value to the SROM_
Enable register.
Shutter_Lower
Address: 0x0e
Access: Read
Reset Value: 0x85
Bit
7
6
5
4
3
2
1
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com