Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 4Page - STMicroelectronics AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Designing a TM PFC
AN3027
8/41
Doc ID 16134 Rev 4
value (VOVP), usually larger than the maximum Vout that can be expected, also including
worst-case load/line transients.
The mains frequency generates a 2fMAINS voltage ripple on the output voltage at full load.
The ripple amplitude determines the current flowing into the output capacitor and the ESR.
Additionally, a request for a certain hold-up capability can be sent to the PFC if mains dips
occur in which case the output capacitor also must be dimensioned, taking into account the
required minimum voltage value (Vout min) after the hold-up time (tHold) has elapsed.
The PFC minimum switching frequency is the one of the main parameters used to
dimension the boost inductor. Here we consider the switching frequency at low mains on the
top of the sinusoid and at full load conditions. As a rule of thumb, it must be higher than the
audio bandwidth in order to avoid audible noise and additionally it must not interfere with the
L6563S minimum internal startup period, given in the datasheet. On the other hand, if the
minimum frequency is set too high, the circuit shows excessive losses at a higher input
voltage and probably skips switching cycles not only at light load. The typical minimum
frequency range is 20 - 50 kHz for wide range operation.
In order to properly select the power components of the PFC and dimension the heatsinks in
case they are needed, the maximum operating ambient temperature around the PFC
circuitry must be known. Please note that this is not the maximum external operating
temperature of the entire system, but it is the local temperature at which the PFC
components are working.
●
Maximum output voltage (Vdc):
(7)
●
Maximum output low-frequency ripple:
(8)
●
Minimum output voltage after line drop (Vdc):
(9)
●
Hold-up capability (ms):
(10)
●
Minimum switching frequency (kHz):
(11)
●
Maximum ambient temperature (°C):
(12)
V
430
V
OVP =
V
20
V
out =
∆
V
300
V
min
out
=
ms
10
t
Hold =
kHz
40
f
min
sw
=
C
50
T
ambx
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com