Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 20Page - STMicroelectronics AN3027 Datasheet HTML 21Page - STMicroelectronics AN3027 Datasheet HTML 22Page - STMicroelectronics AN3027 Datasheet HTML 23Page - STMicroelectronics AN3027 Datasheet HTML 24Page - STMicroelectronics AN3027 Datasheet HTML 25Page - STMicroelectronics AN3027 Datasheet HTML 26Page - STMicroelectronics AN3027 Datasheet HTML 27Page - STMicroelectronics AN3027 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Designing a TM PFC
AN3027
24/41
Doc ID 16134 Rev 4
the design. For example, setting the gain of the error amplifier to get fc = 20 Hz at 264 Vac
means having fc = 4 Hz at 88 Vac, resulting in a sluggish control dynamics. Additionally, the
slow control loop causes large transient current flow during rapid line or load changes that
are limited by the dynamics of the multiplier output. This limit is considered when selecting
the sense resistor to let the full load power pass under minimum line voltage conditions, with
some margin. But a fixed current limit allows excessive power input at high line, whereas a
fixed power limit requires the current limit to vary inversely with the line voltage. Voltage
feed-forward can compensate for the gain variation with the line voltage and allow
overcoming all of the above-mentioned issues. It consists of deriving a voltage proportional
to the input RMS voltage, feeding this voltage into a square/divider circuit (1/V2 corrector)
and providing the resulting signal to the multiplier that generates the current reference for
the inner current control loop (
Figure 13). In this way a change of the line voltage causes an
inversely proportional change of the half sine amplitude at the output of the multiplier (if the
line voltage doubles, the amplitude of the multiplier output is halved and vice-versa) so that
the current reference is adapted to the new operating conditions with (ideally) no need for
invoking the slow dynamics of the error amplifier. Additionally, the loop gain is constant
throughout the input voltage range, which improves significantly dynamic behavior at low
line and simplifies loop design. Actually, deriving a voltage proportional to the RMS line
voltage implies a form of integration, which has its own time constant. If it is too small the
voltage generated is affected by a considerable amount of ripple at twice the mains
frequency that causes distortion of the current reference (resulting in high THD and poor
PF); if it is too large there is a considerable delay in setting the right amount of feedforward,
resulting in excessive overshoot and undershoot of the pre-regulator's output voltage in
response to large line voltage changes. Clearly a trade-off is required. The device
implements voltage feed-forward with a technique that makes use of just two external parts
and that limits the feed-forward time constant trade-off issue to only one direction.
Figure 13.
Mains detector and discharge resistor allow fast response to sudden line
drops not depending on the external RC
A capacitor CFF and a resistor RFF, both connected from the VFF (pin #5) pin to ground,
complete an internal peak-holding circuit that provides a DC voltage equal to the peak of the
rectified sine wave applied on pin MULT (pin #3). In case the VFF pin is connected directly to
the RUN pin, the following values are suggested as a compromise between the response
time in case of mains transients and input current distortion:
(16)
F
1
CFF
µ
=
Ω
= M
1
RFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com