Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 24Page - STMicroelectronics AN3027 Datasheet HTML 25Page - STMicroelectronics AN3027 Datasheet HTML 26Page - STMicroelectronics AN3027 Datasheet HTML 27Page - STMicroelectronics AN3027 Datasheet HTML 28Page - STMicroelectronics AN3027 Datasheet HTML 29Page - STMicroelectronics AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Designing a TM PFC
AN3027
28/41
Doc ID 16134 Rev 4
With this IC the function can be implemented by connecting a resistor (RT) between the
TBO pin and ground. The TBO pin presents a DC level equal to the peak of the MULT pin
voltage and is then representative of the mains RMS voltage. The resistor defines a current,
equal to V(TBO)/RT, that is internally 1:1 mirrored and sunk from pin INV (pin #1) input of the
error amplifier. In this way, when the mains voltage increases, the voltage at TBO pin
increases as well which increases the current flowing through the resistor connected
between TBO and GND. Then a larger current is sunk by the INV pin and the output voltage
of the PFC preregulator is forced to go higher. Obviously, the output voltage moves in the
opposite direction if the input voltage decreases. To avoid undesired output voltage rise
should the mains voltage exceed the maximum specified value, the voltage at the TBO pin is
clamped at 3 V. By properly selecting the multiplier bias it is possible to set the maximum
input voltage above which input-to-output tracking ends and the output voltage becomes
constant. If this function is not used, leave the pin open: the device regulates a fixed output
voltage.
Starting from the following data:
To set the output voltage at the desired values use the following design procedure:
1.
Determine the input RMS voltage VinCLAMP that produces Vo = Vox:
Equation 62
and choose a value Vinx such that Vin2 = Vinx < VinCLAMP. This results in a limitation of the
output voltage range below Vox (it equals Vox if one chooses Vinx = VinCLAMP)
2.
Determine the divider ratio of the MULT pin (pin #3) bias:
●
Minimum specified input RMS voltage
(18)
●
Maximum specified input RMS voltage
(19)
●
Regulated output voltage at Vin = Vin1
(20)
●
Regulated output voltage at Vin = Vin2
(21)
●
Absolute maximum limit for the
regulated output voltage
(22)
●
Maximum output voltage (Vdc) -
(7)
(23)
Vin1
Vin2
Vo1
Vo2
Vox
VOVP
1
in
1
O
2
O
2
O
OX
2
in
1
O
2
O
1
O
OX
inCLAMP
V
V
V
V
V
V
V
V
V
V
V
⋅
−
−
−
⋅
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com