Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 18Page - STMicroelectronics AN3027 Datasheet HTML 19Page - STMicroelectronics AN3027 Datasheet HTML 20Page - STMicroelectronics AN3027 Datasheet HTML 21Page - STMicroelectronics AN3027 Datasheet HTML 22Page - STMicroelectronics AN3027 Datasheet HTML 23Page - STMicroelectronics AN3027 Datasheet HTML 24Page - STMicroelectronics AN3027 Datasheet HTML 25Page - STMicroelectronics AN3027 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Designing a TM PFC
AN3027
22/41
Doc ID 16134 Rev 4
The power dissipated in Rs is given by:
Equation 46
According to the result, two parallel resistors of 0.47
Ω and 0.68 Ω with 0.25 W of power
have been selected.
Pin 3 (MULT): The MULT pin is the second multiplier input. It is connected, through a
resistive divider, to the rectified mains to get a sinusoidal voltage reference. The multiplier
can be described by the relationship:
Equation 47
where:
●
VCS (multiplier output) is the reference for the current sense (VCS_OFFSET is its offset)
●
k = 0.45 (typ.) is the multiplier gain
●
VCOMP is the voltage on pin #2 (E/A output)
●
VMULT is the voltage on pin #3.
●
VFF is the second input to the multiplier for the 1/V
2 function. It compensates the control
loop gain dependence on the mains voltage. The voltage at this pin is a DC level equal
to the peak voltage on pin MULT (pin #3).
A complete description is given by the diagrams of
Figure 11 and Figure 12 which show the
typical multiplier characteristics family. The linear operation of the multiplier is guaranteed
2
rms
s
s
ISW
R
P
⋅
=
()
W
37
.
0
A
18
.
1
27
.
0
P
2
s
=
⋅
Ω
=
2
FF
MULT
COMP
m
OFFSET
_
CS
CS
V
V
)
V
5
.
2
V
(
k
V
V
⋅
−
⋅
+
=
Figure 11.
Multiplier characteristics family for
VFF = 1 V
Figure 12.
Multiplier characteristics family for
VFF = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com