Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 17Page - STMicroelectronics AN3027 Datasheet HTML 18Page - STMicroelectronics AN3027 Datasheet HTML 19Page - STMicroelectronics AN3027 Datasheet HTML 20Page - STMicroelectronics AN3027 Datasheet HTML 21Page - STMicroelectronics AN3027 Datasheet HTML 22Page - STMicroelectronics AN3027 Datasheet HTML 23Page - STMicroelectronics AN3027 Datasheet HTML 24Page - STMicroelectronics AN3027 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
21/41
The two bode plot charts refer to the PFC operating at 265Vac and full load. In this condition
the crossover frequency is fc = 11.55 Hz, the phase margin is 55°. The third harmonic
distortion introduced by the E/A 100 Hz residual ripple is below 3%.
Pin 4 (CS): The pin #4 is the inverting input of the current sense comparator. Through this
pin, the L6563S reads the instantaneous inductor current, converted to a proportional
voltage by an external sense resistor (Rs). As this signal crosses the threshold set by the
multiplier output, the PWM latch is reset and the power MOSFET is turned off. The
MOSFET stays in an off-state until the PWM latch is set again by the ZCD signal. The pin is
equipped with 150 ns leading-edge blanking for improved noise immunity.
The sense resistor value (Rs) can be calculated as follows. For the 100 W PFC it is:
Equation 44
where:
ILpk is the maximum peak current in the inductor, calculated as described in Equation 4
Vcsmin = 1.0 V, and is the minimum voltage admitted on the L6563S current sense (in
the datasheet)
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current is calculated considering the maximum
voltage Vcsmax admitted on the L6563S (in the datasheet):
Equation 45
The calculated ILpkx is the threshold value after which the boost inductor saturates and it is
used for calculating the inductor number of turns and air gap length. In case of boost
inductor saturation, a second comparison level at 1.7 V detects the abnormal currents and,
on this occurrence, activates a safety procedure that temporarily stops the converter and
limits the stress of the power components.
Figure 9.
Open loop tran. function bode plot
Figure 10.
Phase function
pk
min
s
IL
Vcs
R
<
=
<
296
.
0
A
38
.
3
V
0
.
1
R
s
s
max
pkx
R
Vcs
IL
=
A
30
.
4
27
.
0
V
16
.
1
ILpkx
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com