Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 16Page - STMicroelectronics AN3027 Datasheet HTML 17Page - STMicroelectronics AN3027 Datasheet HTML 18Page - STMicroelectronics AN3027 Datasheet HTML 19Page - STMicroelectronics AN3027 Datasheet HTML 20Page - STMicroelectronics AN3027 Datasheet HTML 21Page - STMicroelectronics AN3027 Datasheet HTML 22Page - STMicroelectronics AN3027 Datasheet HTML 23Page - STMicroelectronics AN3027 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Designing a TM PFC
AN3027
20/41
Doc ID 16134 Rev 4
overvoltage is generated by a feedback disconnection, for instance, when one of the upper
resistors of the output divider fails open, an additional circuitry detects the voltage drop of
pin INV. If the voltage on pin INV is lower than 1.66 V (Typ.) and at same time the OVP is
active, a feedback failure is assumed. Thus, the gate drive activity is immediately stopped,
the device is shut down, its quiescent consumption is reduced below 180 µA and the
condition is latched as long as the supply voltage of the IC is above the UVLO threshold. To
restart the system it is necessary to recycle the input power, so that the Vcc voltage of the
L6563S goes below 6 V and that one of the PWM controller goes below its UVLO threshold.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open or a floating PFC_OK pin results in shutting down of
the IC and stopping the pre-regulator. Moreover, the pin PFC_OK doubles its function as a
non-latched IC disable. A voltage below 0.23 V shuts down the IC, reducing its consumption
below 2 mA. To restart the IC simply let the voltage at the pin go above 0.27 V.
Pin 2 (COMP): This pin is the output of the E/A that is fed to one of the two inputs of the
multiplier. A feedback compensation network is placed between this pin and INV (pin #1). It
has to be designed with a narrow bandwidth in order to avoid that the system rejects the
output voltage ripple (100 Hz) that would lead to a high distortion of the input current
waveform.
A simple criterion to define the capacitance value is to set the bandwidth (BW) from 20 to 30
Hz. The compensation network can be just a capacitor, providing a low-frequency pole as
well as a high DC gain. A more complex network, typically a type-II CRC network providing
2 poles and a zero, is more suitable for constant power loads like a downstream converter.
In case a single capacitor is used, it can be dimensioned using the following formulas:
Equation 42
Equation 43
For a more complex compensation network calculation, please refer to [
2], [3].
For this 100 W TM PFC, a CRC network providing two poles and a zero has been
implemented here, using the following values:
The relevant open loop transfer function and its phase function are shown in
Figure 9 and
Figure 10.
(14)
()
on
Compensati
outL
outH
C
R
//
R
2
1
BW
⋅
⋅
π
=
() BW
R
//
R
2
1
C
outL
outH
on
Compensati
⋅
⋅
π
=
nF
68
C
compP =
nF
680
C
compS =
Ω
=
k
82
R
compS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com