Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 14Page - STMicroelectronics AN3027 Datasheet HTML 15Page - STMicroelectronics AN3027 Datasheet HTML 16Page - STMicroelectronics AN3027 Datasheet HTML 17Page - STMicroelectronics AN3027 Datasheet HTML 18Page - STMicroelectronics AN3027 Datasheet HTML 19Page - STMicroelectronics AN3027 Datasheet HTML 20Page - STMicroelectronics AN3027 Datasheet HTML 21Page - STMicroelectronics AN3027 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Designing a TM PFC
AN3027
18/41
Doc ID 16134 Rev 4
From
(12) and Equation 35 the maximum thermal resistance to keep the junction
temperature below 125 °C is:
Equation 36
Because the calculated Rth is lower than the STTH2L06 thermal resistance junction-
ambient, a heatsink is not needed to properly dissipate the heat.
3.4
L6563S biasing circuitry
In this section we describe the dimensioning of the power components as well as the biasing
circuitry for the L6563S. For reference, the internal schematic of the L6563S is represented
below in
Figure 8. For more details on the internal functions please refer to the datasheet.
Figure 8.
L6563S internal schematic
Pin 1 (INV): This pin is connected both to the inverting input of the E/A and to the OVP
circuitry. A resistive divider has to be connected between the boost regulated output voltage
and this pin. The internal reference on the E/A non-inverting input is 2.5 V (typ.). The PFC
output voltage (Vout) is set at its nominal value by the resistor ratio of the feedback output
divider. RoutH and RoutL are then selected considering the nominal output voltage (4) and
diode
ambx
th
P
T
C
125
R
−
°
=
W
C
68
.
284
W
26
.
0
C
50
C
125
R
th
°
=
°
−
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com