Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 28Page - STMicroelectronics AN3027 Datasheet HTML 29Page - STMicroelectronics AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics AN3027 Datasheet HTML 33Page - STMicroelectronics AN3027 Datasheet HTML 34Page - STMicroelectronics AN3027 Datasheet HTML 35Page - STMicroelectronics AN3027 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
L6563H: high-voltage startup transition-mode PFC
AN3027
32/41
Doc ID 16134 Rev 4
current, minus the device's consumption, charges the bypass capacitor connected from pin
Vcc to ground and makes its voltage rise almost linearly.
Figure 20.
Timing diagram: normal power-up and power-down sequences
As the Vcc voltage reaches the startup threshold (12 V typ.) the low-voltage chip starts
operating and the HV generator is cut off by the Vcc_OK signal asserted high. The device is
powered by the energy stored in the Vcc capacitor until the self-supply circuit (assuming that
it is made with an auxiliary winding in the transformer of the cascaded DC-DC converter and
a steering diode) develops a voltage high enough to sustain the operation. The residual
consumption of this circuit is only the one on the 15 M
Ω resistor (10 mW at 400 Vdc),
typically 50-70 times lower, under the same conditions, as compared to a standard startup
circuit made with external resistors. At converter power-down the DC-DC converter loses
regulation as soon as the input voltage is so low that either peak current or maximum duty
cycle limitation is tripped. Vcc then drops and stop IC activity as it falls below the UVLO
threshold (9.5 V typ.). The Vcc_OK signal is de-asserted as the Vcc voltage goes below a
threshold VCCrestart located at about 6 V. The HV generator can now restart. However, if Vin
< VHVstart, HV_EN is de-asserted too and the HV generator is disabled. This prevents the
converter's restart attempts and ensures monotonic output voltage decay at power-down in
systems where brownout protection (see the relevant section) is not used. If the device
detects a fault due to feedback failure, the pin PWM_LATCH is asserted high (see “feedback
failure protection” section for more details) and, in order to maintain this signal to be
provided to the DC-DC converter, the internal VCCrestart is brought up above VccOff (turn-off
threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com