Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics AN3027 Datasheet HTML 14Page - STMicroelectronics AN3027 Datasheet HTML 15Page - STMicroelectronics AN3027 Datasheet HTML 16Page - STMicroelectronics AN3027 Datasheet HTML 17Page - STMicroelectronics AN3027 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Designing a TM PFC
AN3027
14/41
Doc ID 16134 Rev 4
values. The minimum switching frequency can be recalculated for the selected inductance
value, inverting the formula in
Equation 22 to the following:
Equation 24
From the comparison of fswmin(VACmin) and fswmin(VACmax) with L = 0.52 mH as the actual,
the calculated minimum switching frequency is 40.13 kHz, as expected.
The core size is determined, assuming a peak flux density Bx
≅ 0.25T (depending on the
ferrite grade selected and relevant specific losses) and calculating the maximum current
according to
Equation 45 as a function of the maximum clamping voltage of the current
sense pin and sense resistor value.
DC and AC copper losses and ferrite losses must also be calculated to determine the
maximum temperature rise of the inductor.
3.3.5
Power MOSFET selection and dissipation
The selection of the MOSFET concerns mainly its RDS(on), which depends on the output
power
(3), since the breakdown voltage is fixed just by the output voltage (4), plus the
overvoltage admitted
(7) and a safety margin (20%). Thus, a voltage rating of 500 V
(1.2 · Vout = 480 V) is selected. Regarding its current rating as a rule of thumb, we can
select a device having ~ 3 times the RMS switch current (see
Equation 7), but the power
dissipation calculation gives the final confirmation that the selected device is the right one
for the circuit. The heatsink dimensions must also be considered. In this L6563S TM PFC
application, an STF7NM50 MOSFET has been selected. The MOSFET' s power dissipation
depends on conduction, switching and capacitive losses.
The conduction losses at maximum load and minimum input voltage are calculated by:
Equation 25
Because normally in datasheets the RDS(on) is given at ambient temperature (25 °C) to
calculate correctly the conduction losses at 100°C (typical MOSFET junction operating
temperature) a factor of 1.75 to 2 should be taken into account. The correct factor can be
found in the device datasheet.
Now, the conduction losses referred to a 1
Ω RDS(on) at ambient temperature as a function
of Pin and VAC can be calculated, combining Equation 25 and Equation 7:
Equation 26
The switching losses in the MOSFET occur only at turn-off because of TM operation and
can be basically expressed by:
Equation 27
out
in
out
2
min
sw
V
P
L
2
)
VAC
2
V
(
VAC
)
VAC
(
f
⋅
⋅
⋅
⋅
−
⋅
=
()2
rms
)
on
(
DS
cond
)
VAC
(
ISW
R
)
VAC
(
P
⋅
=
2
out
in
2
rms
cond
V
VAC
2
3
16
2
PF
VAC
2
P
2
))
VAC
(
ISW
(
2
)
VAC
(
P
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
⋅
π
−
⋅
⋅
⋅
⋅
=
⋅
=
′
)
VAC
(
f
t
I
V
)
VAC
(
P
sw
fall
MOS
MOS
switch
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com