Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics AN3027 Datasheet HTML 14Page - STMicroelectronics AN3027 Datasheet HTML 15Page - STMicroelectronics AN3027 Datasheet HTML 16Page - STMicroelectronics AN3027 Datasheet HTML 17Page - STMicroelectronics AN3027 Datasheet HTML 18Page - STMicroelectronics AN3027 Datasheet HTML 19Page - STMicroelectronics AN3027 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Designing a TM PFC
AN3027
16/41
Doc ID 16134 Rev 4
The dependence on the input voltage is shown in
Figure 5. On the right, Figure 6 represents
the drain voltage waveform: the MOSFET turn-on occurs just on the valley because the
inductor has depleted its energy and therefore can resonate with the drain capacitance.
Details are in the section concerning the ZCD pin description. It is clear that for an input
voltage theoretically lower than half of the output voltage, the resonance ideally should
reach zero, achieving zero-voltage operation, therefore there are no losses relevant to this
edge. For input voltage corresponding to a positive value of the valley, capacitive losses are
generated. However, the MOSFET turn-on always occurs at the minimum voltage of the
resonance and therefore the losses are minimized.
In practice it is possible to estimate the total switching and capacitive losses by solving the
integral of the switching frequency depending on sin(
θ) on the half-line cycle.
The total losses of the input mains voltage are the sum of the three previous loss functions
Equation 26, Equation 28 and Equation 30 respectively multiplied for the MOSFET
parameters:
Equation 33
Figure 7 shows the trend of the total losses from Equation 33 on the line voltage for the
selected MOSFET STF7NM50N. Capacitive losses are dominant at high mains voltage and
the major contribution came from the conduction losses at low and medium mains voltage.
Figure 5.
θ1 and θ2 dependence on input
voltage
Figure 6.
Capacitive losses
)
VAC
(
P
C
)
VAC
(
P
C
t
)
VAC
(
P
R
)
VAC
(
P
cap
d
sw
d
2
fall
cond
)
on
(
DS
loss
′
⋅
+
′
⋅
+
′
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com