Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3027 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 25Page - STMicroelectronics AN3027 Datasheet HTML 26Page - STMicroelectronics AN3027 Datasheet HTML 27Page - STMicroelectronics AN3027 Datasheet HTML 28Page - STMicroelectronics AN3027 Datasheet HTML 29Page - STMicroelectronics AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics AN3027 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
29/41
Equation 63
and check that at minimum mains voltage Vin1 the peak voltage on pin #3 is greater than
0.9 V.
3.
Determine RoutH, the upper resistor of the output divider, for instance 3 MΩ.
4.
Calculate the lower resistor RoutL of the output divider and the adjustment resistor RT:
Equation 64
Equation 65
5.
Check that the maximum current sourced by the TBO pin (pin #6) does not exceed the
maximum specified (0.25 mA):
Equation 66
The circuit illustrated in
Figure 16 shows the internal block diagram of the tracking boost
function.
Figure 16.
Tracking boost block diagram
(24)
inx
V
2
3
k
⋅
=
outH
R
1
in
2
O
2
in
1
O
1
in
2
in
outH
outL
V
)
V
5
.
2
V
(
V
)
V
5
.
2
V
(
V
V
R
V
5
.
2
R
⋅
−
−
⋅
−
−
⋅
=
1
O
2
O
1
in
2
in
outH
T
V
V
V
V
R
2
k
R
−
−
⋅
⋅
⋅
=
T
max
TBO
R
3
I
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com